Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3349EA Datasheet (PDF) - Maxim Integrated Products

MAX3349EA Datasheet PDF - Maxim Integrated Products
Part # MAX3349EA
Download  MAX3349EA Download
File Size   382.31 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode

MAX3349EA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3349EA Datasheet PDF - Maxim Integrated Products

Part # MAX3349EA
Download  MAX3349EA Click to download

File Size   382.31 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode

MAX3349EA Datasheet (HTML) - Maxim Integrated Products


MAX3349EA Product details

General Description
The MAX3349EA ±15kV ESD-protected, USB transceiver provides a full-speed USB interface to a lower voltage microprocessor or ASIC. The device supports enumeration, suspend, and VBUS detection. A special UART multiplexing mode routes external UART signals (Rx and Tx) to D+ and D-, allowing the use of a shared connector to reduce cost and part count for mobile devices.

Features
♦ ±15kV ESD HBM Protection on D+ and D-
♦ UART Mode Routes External UART Signals to
   D+/D-
♦ Internal Linear Regulator Allows Direct Powering
   from the USB Cable
♦ Separate Voltage Input for UART
   Transmitter/Receiver (VUART)
♦ Internal 1.5kΩ Pullup Resistor on D+ Controlled
   by Enumerate Input
♦ Internal Series Termination Resistors on D+ and D-
♦ Complies with USB Specification Revision 2.0,
   Full-Speed 12Mbps Operation
♦ Built-In Level Shifting Down to +1.4V, Ensuring
   Compatibility with Low-Voltage ASICs
♦ VBUS Detection
♦ Combined VP and VM Inputs/Outputs
♦ No Power-Supply Sequencing Required
♦ Available in 16-Bump UCSP (2mm x 2mm)
   Package

Applications
   Cell Phones
   PDAs
   Digital Cameras
   MP3 Players




Similar Part No. - MAX3349EA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EEBE MAXIM-MAX3349EEBE Datasheet
371Kb / 16P
Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EEBET MAXIM-MAX3349EEBET Datasheet
371Kb / 16P
Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EETE MAXIM-MAX3349EETE Datasheet
371Kb / 16P
Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
More results


Similar Description - MAX3349EA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Exar Corporation
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
2-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
4-CH FULL-SPEED USB UART
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252 Datasheet
150Kb / 8P
High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
4-CH FULL-SPEED USB UART
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
logo
Exar Corporation
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
1-CH FULL-SPEED USB UART
logo
Future Technology Devic...
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
Full-Speed USB to UART converter
logo
Exar Corporation
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
1-CH FULL-SPEED USB UART
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com