Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L12824 Datasheet (PDF) - Macronix International

MX23L12824 Datasheet PDF - Macronix International
Part # MX23L12824
Download  MX23L12824 Download
File Size   163.93 Kbytes
Page   7 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 128M-BIT MASK ROM

MX23L12824 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23L12824 Datasheet PDF - Macronix International

Part # MX23L12824
Download  MX23L12824 Click to download

File Size   163.93 Kbytes
Page   7 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 128M-BIT MASK ROM

MX23L12824 Datasheet (HTML) - Macronix International


MX23L12824 Product details

FEATURES
• Bit organization
    - 16Mb x 8 (byte mode)
    - 8Mb x 16 (word mode)
• Fast access time
    - Random access:120/25ns(max.) in 3.0~3.6V
                                 120/30ns(max.) in 2.7~3.6V
• Page size
    - 8 words per page
• Current
    - Operating:50mA
    - Standby:15uA(max.)
• Supply voltage
    - VCC : 2.7 ~ 3.6V
    - VCCQ : 2.7 ~ 3.6V
• Package
    - 64 ball mini BGA (10.0mm X 13.0mm, ball pitch
    1.0mm), Pb-free, RoHS compliant
• Temperature
    - -25~85° C




Similar Part No. - MX23L12824

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
MX23L12822MC-12 MCNIX-MX23L12822MC-12 Datasheet
41Kb / 7P
128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
MX23L12822YC-12 MCNIX-MX23L12822YC-12 Datasheet
41Kb / 7P
128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
More results


Similar Description - MX23L12824

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L12810 MCNIX-MX23L12810 Datasheet
178Kb / 6P
128M-BIT (8M x 16) MASK ROM (SOP ONLY)
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
16M-BIT MASK ROM
MX23L1613 MCNIX-MX23L1613 Datasheet
182Kb / 6P
16M-BIT MASK ROM
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
32M-BIT MASK ROM
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
64M-BIT MASK ROM
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
8M-BIT MASK ROM
MX23L12810A MCNIX-MX23L12810A Datasheet
179Kb / 6P
128M-BIT PAGE MODE MASK ROM (SOP)
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
8M-bit Mask ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
32M-BIT MASK ROM
GPR23L12800B GENERALPLUS-GPR23L12800B Datasheet
317Kb / 11P
128M-Bit Mask Rom
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com