Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3203 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSDL-3203 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSDL-3203
Download  HSDL-3203 Download
File Size   238.1 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3203 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3203 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSDL-3203
Download  HSDL-3203 Click to download

File Size   238.1 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3203 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSDL-3203 Product details

Description
The HSDL-3203 is a miniature low cost infrared transceiver module that provides the interface between logic and infrared (IR) signals for through air, serial, half-duplex IR data link. The module is compliant to IrDA Physical Layer Specifications version 1.4 Low Power from 9.6 kbit/s to 115.2 kbit/s with extended link distance and it is IEC 825-Class 1 eye safe.

Features
• Fully compliant to IrDA 1.4 low power specification from 9.6 kbit/s to 115.2 kbit/s
• Low power operation at extended link distance of 50 cm
• Miniature package
    — Height: 1.95 mm
    — Width: 8.00 mm
    — Depth: 3.10 mm
• Guaranteed temperature performance, –20 to +70˚C
    — Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
    — Low shutdown current (10 nA typical)
    — Complete shutdown of TXD, RXD, and PIN diode
• Withstands > 100 mV p-p power supply ripple typically
• VCC supply 2.7 to 3.6 volts
• Integrated EMI shield
• LED stuck-high protection
• Designed to accommodate light loss with cosmetic windows
• IEC 825-Class 1 Eye Safe
• Lead-free and RoHS Compliant

Applications
• Mobile telecom
    — Mobile phones
    — Pagers
    — Smart phone
• Data communication
    — PDAs
    — Portable printers
• Digital imaging
    — Digital cameras
    — Photo-imaging printers
• Electronic wallet, IrFM




Similar Part No. - HSDL-3203

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203-021 AVAGO-HSDL-3203-021 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Similar Description - HSDL-3203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com