Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3209 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSDL-3209 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSDL-3209
Download  HSDL-3209 Download
File Size   180.0 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3209 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3209 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSDL-3209
Download  HSDL-3209 Click to download

File Size   180.0 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3209 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSDL-3209 Product details

Description
The HSDL-3209 is an ultrasmall low cost infrared transceiver module that provides the interface between logic and infrared (IR) signals for through air, serial, halfduplex IR data link. It is designed to interface to input/ output logic circuits as low as 1.5V. The module is compliant to IrDA Physical Layer Specifications version 1.4 Low Power from 9.6 kbit/s to 115.2 kbit/s with extended link distance and it is IEC 825-Class 1 eye safe.

Features
• Fully Compliant to IrDA 1.4 Low Power Specification from 9.6 kbit/s to 115.2 kbit/s
• Miniature Package
    - Height : 1.60 mm
    - Width : 7.00 mm
    - Depth : 2.80 mm
• Guaranteed Temperature Performance, -25 to +70 °C
    - Critical parameters are guaranteed over temperature & supply voltage
• Low Power Consumption
    - Complete shutdown of TXD, RXD, and PIN diode
• Vcc Supply 2.4 to 3.6 Volts
• Interface to Input/Output Logic Circuits as Low as 1.5V
• LED Stuck-High Protection
• Designed to Accommodate Light Loss with Cosmetic Windows
• IEC 825-Class 1 Eye Safe

Applications
• Mobile Telecom
    - Mobile Phones
    - Pagers
    - Smart Phone
• Data Communication
    - PDAs
    - Portable Printers
• Digital Imaging
    - Digital Cameras
    - Photo-Imaging Printers
• Electronic Wallet




Similar Part No. - HSDL-3209

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Similar Description - HSDL-3209

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com