Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7035B Datasheet (PDF) - Chrontel, Inc.

CH7035B Datasheet PDF - Chrontel, Inc.
Part # CH7035B
Download  CH7035B Download
File Size   226.3 Kbytes
Page   8 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7035B DVI Transmitter

CH7035B Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7035B Datasheet PDF - Chrontel, Inc.

Part # CH7035B
Download  CH7035B Click to download

File Size   226.3 Kbytes
Page   8 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7035B DVI Transmitter

CH7035B Datasheet (HTML) - Chrontel, Inc.


CH7035B Product details

GENERAL DESCRIPTION
The Chrontel CH7035B is specifically designed for
consumer electronics device and PC markets which
multiple high definition content display formats are
required. With its advanced video encoder, flexible
scaling engine and easy-to-configure audio interface, the
CH7035B satisfies manufactures’ products display
requirements and reduce their costs of development and
time-to-market.
The CH7035B’s 24-bit parallel bus accepts a wide range
of input data formats from the graphic controller. The
built-in video port supports 8/12/16/18/24-bit data
interface as well as 80/86 MPU interface. The video
format conversion module is capable of translating digital
RGB-565, RGB-666, RGB-888 or YCrCb (ITU-R 656,
ITU-R 601) signal to the DVI signal, combining with the
audio stream. The device’s video capture block supports
input display resolution for up to 1366x768 which can be
either interlaced or non-interlaced timing.
The CH7035B has incorporated a high speed SDRAM to
help manufactures design their product to achieve
simultaneous LCD and DVI display. A sophisticated
frame rate conversion technology in the device’s scaler
retrieves LCD data from the SDRAM frame buffer, and
increases the native display resolution up to 1080p DVI
display. Furthermore, the CH7035B provides additional
image manipulation features including image rotation,
which can be implemented through programming internal
registers.
The device supports both SPDIF and 2-channel I²S digital
audio input. Its high fidelity audio decoder engine has
the capability of sampling audio frequency for up to
192k/2ch. The SPIDF supports PCM encoded data and
compressed audio including Dolby Digital and DTS.
The CH7035B has an image enhancement function that
can fine tune brightness, contrast, hue and saturation
down to the pixel-level.
When the HPD signal is asserted, the CH7035B will
automatically generate an interrupt to the processor. A
build-in DDC port can read the EDID data from DVI
monitor through programming. registers by the processor.

FEATURES
 DVI encoder support up to 1080p
 SPDIF audio interface supports either 16-bit or 20-
bit stereo data for up to 192kHz/2ch
 Support 2 channel I2S digital audio input for up to
24-bit data stream (32kHz, 44.1kHz, 48kHz,
88.2kHz, 96kHz, 176.4kHzand 192kHz)
 DDC master for reading EDID
 Hot plug detection for DVI
 On-chip frame buffer supports frame rate conversion
provides the graphic controller the flexibility of
video timing output
 Advanced scaling engine to upsize/downsize input
resolution for DVI display up to 1080p
 Supports 8/12/16/18/24-bit parallel interface input
for either RGB format (RGB-565, RGB-666 or
RGB-888 and etc.) or YCrCb format (ITU-R 656 or
ITU-R 601). 80/86 MPU interface and DE only
mode are also supported.
 Wide range of input resolutions support for up to
1366x768 (i.e. 640x480, 720x480, 720x576,
800x600, 1024x600, 1024x768, 1280x800, and etc.)
 Image display rotation support at 90/180/270 degree
or flipped in horizontal/vertical position
 Pixel clock input frequency support for up to 165
MHz
 IO Supply Voltages from 1.2V to 3.3V and
SPC/SPD Supply Voltages from 1.8V to 3.3V.
 Programmable power management
 Device fully programmable through serial port or
can automatically load firmware from Chrontel Boot
ROM (CH9904)
 Offered in a 88-pin QFN package

APPLICATION
 Mobile Phones / Tablet Devices
 Smartbooks / Ultrabooks
 Digital Cameras
 DVD Players or Recorders
 Portable Media Players




Similar Part No. - CH7035B

ManufacturerPart #DatasheetDescription
logo
Chrontel, Inc.
CH7033B CHRONTEL-CH7033B Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7033B-BF CHRONTEL-CH7033B-BF Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7033B-BFI CHRONTEL-CH7033B-BFI Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7034B CHRONTEL-CH7034B Datasheet
215Kb / 9P
CH7034B HDTV/VGA/LVDS Encoder
Rev. 1.4 06/30/2020
CH7034B-BF CHRONTEL-CH7034B-BF Datasheet
215Kb / 9P
CH7034B HDTV/VGA/LVDS Encoder
Rev. 1.4 06/30/2020
More results


Similar Description - CH7035B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889A AD-AD9889A Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
High Performance HDMI/DVI Transmitter
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
High Performance HDMI/DVI Transmitter
REV. B
logo
Chrontel, Inc.
CH7053A CHRONTEL-CH7053A Datasheet
181Kb / 8P
CH7053A HDTV/VGA/ DVI Transmitter
Rev 1.0 08/22/2014
CH7301C CHRONTEL-CH7301C Datasheet
321Kb / 30P
CH7301C DVI Transmitter Device
Rev. 2.1, 01/07/2014
CH7307C CHRONTEL-CH7307C Datasheet
225Kb / 19P
CH7307C DVI Transmitter
Rev. 2.0, 06/12/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com