Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7307C Datasheet (PDF) - Chrontel, Inc.

CH7307C Datasheet PDF - Chrontel, Inc.
Part # CH7307C
Download  CH7307C Download
File Size   225.98 Kbytes
Page   19 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7307C DVI Transmitter

CH7307C Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7307C Datasheet PDF - Chrontel, Inc.

Part # CH7307C
Download  CH7307C Click to download

File Size   225.98 Kbytes
Page   19 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7307C DVI Transmitter

CH7307C Datasheet (HTML) - Chrontel, Inc.


CH7307C Product details

FEATURES GENERAL DESCRIPTION
• Digital Visual Interface (DVI) Transmitter up to
165M pixels/second
• DVI low jitter PLL
• DVI hot plug detection
• Supporting graphics resolutions up to
1600x1200 pixels and 1920x1200 (reduced
blanking)
• High-speed SDVO◊
(1G~2Gbps) AC-coupled
serial differential RGB inputs
• Programmable power management
• Fully programmable through serial port
• Configuration through Intel® Opcodes◊
• Complete Windows and DOS driver support
• Offered in a 48-pin LQFP package
• Boundary scan support
The CH7307C is a Display Controller device,
which accepts digital graphics input signal,
encodes and transmits data through a DVI link
(DFP can also be supported). The device accepts
one channel of RGB data over three pairs of serial
data ports.
The DVI processor includes a low jitter PLL for
generation of the high frequency serialized
clock, and all circuitry required encoding,
serializing and transmitting the data. The
CH7307C is able to drive a DFP display at a
pixel rate of up to 165MHz.




Similar Part No. - CH7307C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7301A ETC-CH7301A Datasheet
485Kb / 30P
Chrontel CH7301 DVI Output Device
CH7301A-T ETC-CH7301A-T Datasheet
485Kb / 30P
Chrontel CH7301 DVI Output Device
CH7301A-T-A ETC-CH7301A-T-A Datasheet
485Kb / 30P
Chrontel CH7301 DVI Output Device
CH7301A-T-B ETC-CH7301A-T-B Datasheet
485Kb / 30P
Chrontel CH7301 DVI Output Device
logo
Chrontel, Inc.
CH7301C CHRONTEL-CH7301C Datasheet
321Kb / 30P
CH7301C DVI Transmitter Device
Rev. 2.1, 01/07/2014
More results


Similar Description - CH7307C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889A AD-AD9889A Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
High Performance HDMI/DVI Transmitter
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
High Performance HDMI/DVI Transmitter
REV. B
logo
Chrontel, Inc.
CH7035B CHRONTEL-CH7035B Datasheet
226Kb / 8P
CH7035B DVI Transmitter
Rev. 1.2 06/30/2020
CH7053A CHRONTEL-CH7053A Datasheet
181Kb / 8P
CH7053A HDTV/VGA/ DVI Transmitter
Rev 1.0 08/22/2014
CH7301C CHRONTEL-CH7301C Datasheet
321Kb / 30P
CH7301C DVI Transmitter Device
Rev. 2.1, 01/07/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com