Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F642B Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH79F642B Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH79F642B
Download  SH79F642B Download
File Size   1971.28 Kbytes
Page   157 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller

SH79F642B Datasheet (PDF)

Go To PDF Page Download Datasheet
SH79F642B Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH79F642B
Download  SH79F642B Click to download

File Size   1971.28 Kbytes
Page   157 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller

SH79F642B Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH79F642B Product details

1. Features
 8051 compatible Pipe-lined instruction based on the single-chip 8-bit micro-controller
 Flash ROM: 64K Bytes
 EEPROM: 2K Bytes
 RAM: internal 256 Bytes and external 2816 Bytes
LCD RAM:32 Bytes
 Operation voltage: 2.2V - 3.8V
 Oscillator (Code option):
- fOSC=32.768kHz
- Build in PLL : PLL= 8.192MHz
 46 CMOS general purpose I/O ports
 Built-in pull-up resistor for I/O
 Three 16-bit timer / counters: T0, T1 & T2
 Powerful interrupt sources:
- Timer0, Timer1, Timer2
- External interrupt 1, 2, 3
- EUART0, EUART1, EUART2
- RTC, LPD
- ADC, EMU, PWM
 Energy Metering
Active/ reactive/ apparent Energy Metering and voltage/ current rms metering
Accuracy of 0.1% for active energy over a dynamic range of 2000:1.
Accuracy of 0.5% for reactive energy over a dynamic range of 1000:1.
Less than 0.5% error for voltage/ current rms
 5 channels 10-bit Analog to Digital Converter (ADC) with built-in compare function
 EUART0,EUART1 (built-in IR), EUART2
 Built-in Calendar clock
 Two 12-bit PWM timers
 LCD driver:
- 4 COM x 32 SEG (1/4 duty 1/3 bias)
- 6 COM x 30 SEG (1/6 duty 1/3 bias)
- 8 COM x 28 SEG (1/8 duty 1/4 bias)
- 8 levels contrast software programmable
 Built-in low power detection (LPD)
 Built-in low voltage reset (LVR) function (enabled by code option)
LVR voltage: 2.3V
 Built-in Watch Dog Timer (WDT)
 Warm-up timer for power-on reset
 CPU Machine cycle: 1 oscillator clock
 Support Low power operation modes:
- IDLE Mode
- Power-Down Mode
 Low-power Comsumption
 Package: LQFP64(10*10) / LQFP64 (7*7)




Similar Part No. - SH79F642B

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F6488 SINOWEALTH-SH79F6488 Datasheet
1Mb / 152P
Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
V2.2
SH79F6488H SINOWEALTH-SH79F6488H Datasheet
1Mb / 152P
Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
V2.2
SH79F6488P/064PR SINOWEALTH-SH79F6488P/064PR Datasheet
1Mb / 152P
Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
V2.2
SH79F6488P/080PR SINOWEALTH-SH79F6488P/080PR Datasheet
1Mb / 152P
Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
V2.2
SH79F6489 SINOWEALTH-SH79F6489 Datasheet
1Mb / 152P
Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
V2.2
More results


Similar Description - SH79F642B

ManufacturerPart #DatasheetDescription
logo
Sames
SA9122E SAMES-SA9122E Datasheet
199Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH SEPERATE 64 SEGMENT LCD DRIVER
logo
Analog Devices
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Analog Devices
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
logo
ATMEL Corporation
ATM90E32AS ATMEL-ATM90E32AS Datasheet
789Kb / 84P
Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
SINOWEALTH Electronic L...
SH79F3252 SINOWEALTH-SH79F3252 Datasheet
1Mb / 112P
Enhanced 8051 Microcontroller with 10bit ADC and LCD
V2.0
SH79F6488 SINOWEALTH-SH79F6488 Datasheet
1Mb / 152P
Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
V2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com