Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH79F6488P/080PR
Download  SH79F6488P/080PR Download
File Size   1737.77 Kbytes
Page   152 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver

SH79F6488P/080PR Datasheet (PDF)

Go To PDF Page Download Datasheet
SH79F6488P/080PR Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Download  SH79F6488P/080PR Click to download

File Size   1737.77 Kbytes
Page   152 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver

SH79F6488P/080PR Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH79F6488P/080PR Product details

1. Features
 8-bit micro-controller with Pipe-line structured 8051 compatible instruction set
 Flash ROM: 64K Bytes
 RAM: internal 256 Bytes, external 2304 Bytes
 EEPROM-like: build-in 2048 Bytes
 Operation Voltage: VDD = 3V - 5.5V
 Oscillator (code option)
- Crystal oscillator: 400kHz - 16MHz
- Crystal oscillator: 32.768kHz
- Internal RC: 12MHz
- PLL: 48MHz
 72 CMOS bi-directional I/O pins
 Built-in pull-up resistor for input pin
 3 16-bit timer/counters T2, T3, T4
 Base timer (BT)
 Powerful interrupt sources:
- Timer2, 3, 4, BT
- INT0, 1, 2, 3, 4
- PWM0-2, ADC, EUART, SCM, SPI
- USB (for SH79F6489)
 Enhanced UART (EUART)
 3 12-bit PWM timer
 LCD driver:
- 4 X 36 dots (1/4 duty 1/3 bias)
- 5 X 35 dots (1/5 duty 1/3 bias)
- 6 X 34 dots (1/6 duty 1/3 bias)
- Low power LCD
 Built-in regulator
- Output: 2.7V or 3.3V
 20-bit Σ-Δ Analog Digital Converter (ADC)
- 20-bit data output, 16-bit resolution
- 3 differential input/4 Single-ended inputs
 Built-in Programmable Gain Amplifier (PGA)
- Gain: 1X-128X
 Built-in Operational Amplifier (OP)
 SH79F6489: The Universal Serial Bus (USB)
- Compatible with USB2.0 (Full speed 12Mbps)
- Support control, interrupt and buck data transfer
- Support 3 endpoints: (EP0, EP1, EP2)
 SPI (Master/Slave Mode)
 Built-in Low Voltage Reset (LVR) function (code option)
- LVR voltage: 3.1V
- LVR voltage: 4.0V
 CPU Machine cycle: 1 oscillator clock
 Built-in Watch Dog Timer (WDT) (code option)
 Built-in oscillator Warm-up timer
 Support Low power operation modes:
- Idle Mode
- Power-Down Mode
 Flash Type
 Package:
- LQFP64
- LQFP80
- CHIP (90 Pads)




Similar Part No. - SH79F6488P/080PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F6421S/064SR SINOWEALTH-SH79F6421S/064SR Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
SH79F642BP/064PR SINOWEALTH-SH79F642BP/064PR Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
SH79F642BS/064SR SINOWEALTH-SH79F642BS/064SR Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
More results


Similar Description - SH79F6488P/080PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F082 SINOWEALTH-SH79F082 Datasheet
2Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC and PWM
2.1 Jul. 2011
SH77P1651 SINOWEALTH-SH77P1651 Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1620 SINOWEALTH-SH79F1620 Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F3252 SINOWEALTH-SH79F3252 Datasheet
1Mb / 112P
Enhanced 8051 Microcontroller with 10bit ADC and LCD
V2.0
SH79F3283 SINOWEALTH-SH79F3283 Datasheet
1Mb / 144P
Enhanced 8051 Microcontroller with 12bit ADC
V2.0
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
SH88F6161 SINOWEALTH-SH88F6161 Datasheet
2Mb / 205P
Enhanced 8051 Microcontroller
V2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com