Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFFCFF18B10K2 Datasheet (PDF) - Stackpole Electronics, Inc.

CFFCFF18B10K2 Datasheet PDF - Stackpole Electronics, Inc.
Part # CFFCFF18B10K2
Download  CFFCFF18B10K2 Download
File Size   713.6 Kbytes
Page   11 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Carbon Film Resistor

CFFCFF18B10K2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFFCFF18B10K2 Datasheet PDF - Stackpole Electronics, Inc.

Part # CFFCFF18B10K2
Download  CFFCFF18B10K2 Click to download

File Size   713.6 Kbytes
Page   11 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Carbon Film Resistor

CFFCFF18B10K2 Datasheet (HTML) - Stackpole Electronics, Inc.


CFFCFF18B10K2 Product details

Features:
• General purpose resistor ideal for commercial/industrial applications
• Flame retardant coatings standard
• Flameproof version available as CFF and CFFM
• Panasert available on selected sizes - contact Stackpole
• Auto sequencing/insertion compatible
• CFM (mini) ideal choice when size constraints apply
• Cut and formed product is available on select sizes - contact Stackpole
• Standard lead wire for CF and CFM is copper plated steel,
with 100% tin over plate
• 100% tin plate on copper wire is available as type CFQ and CFQM
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - CFFCFF18B10K2

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CFF-5.08 ELDECO-CFF-5.08 Datasheet
315Kb / 1P
Standard : UL - IEC 250V - 320V 12A -20A
CFF-5.08-F ELDECO-CFF-5.08-F Datasheet
321Kb / 1P
Standard : UL - IEC 250V - 320V 12A - 20A
logo
LEMO Connectors
CFF.0A.275.PTCG LEMO-CFF.0A.275.PTCG Datasheet
64Kb / 2P
Snap-on
CFF.0A.275.PTCHA LEMO-CFF.0A.275.PTCHA Datasheet
67Kb / 2P
Snap-on
CFF.0A.275.PTCHN LEMO-CFF.0A.275.PTCHN Datasheet
63Kb / 2P
Plug - Bridge
More results


Similar Description - CFFCFF18B10K2

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
Carbon Film Resistor Normal & Miniature Style
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
fixed carbon film melf resistor
SPR1CT26 KOA-SPR1CT26 Datasheet
103Kb / 2P
power carbon film leaded resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
power carbon film leaded resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR2C154J KOA-SPR2C154J Datasheet
299Kb / 3P
power carbon film leaded resistor
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
Carbon Film Resistor
logo
KOA Speer Electronics, ...
RD41 KOA-RD41 Datasheet
358Kb / 2P
fixed carbon film melf resistor
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com