Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1822-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
PCM1822-Q1 Datasheet PDF - Texas Instruments
Part # PCM1822-Q1
Download  PCM1822-Q1 Download
File Size   3190.16 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC

PCM1822-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1822-Q1 Datasheet PDF - Texas Instruments

Part # PCM1822-Q1
Download  PCM1822-Q1 Click to download

File Size   3190.16 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC

PCM1822-Q1 Datasheet (HTML) - Texas Instruments


PCM1822-Q1 Product details

1 Features
• Stereo high-performance ADC:
– 2-channel analog microphones or line-in
• ADC line and microphone differential and singleended
input performance:
– PCM1822-Q1 dynamic range:
• 117-dB, dynamic range enhancer enabled
• 111-dB, dynamic range enhancer disabled
– THD+N: –95 dB
• 1-VRMS full-scale input
• ADC sample rate (fS) = 8 kHz to 192 kHz
• Hardware pin control configurations
• Linear-phase or low-latency filter selection
• Flexible audio serial data interface:
– Master or slave interface selection
– 32-bits, 2-channel TDM
– 32-bits, 2-channel I2S
• Automatic power-down upon loss of audio clocks
• Integrated high-performance audio PLL
• Single-supply operation: 3.3 V
• I/O-supply operation: 3.3 V or 1.8 V
• Power consumption for 3.3-V AVDD supply:
– 19.6 mW/channel at 16-kHz sample rate
– 21.3 mW/channel at 48-kHz sample rate

2 Applications
• Automotive Active Noise Cancellation
• Automotive Head Unit
• Rear Seat Entertainment
• Digital Cockpit Processing Unit
• Telematics Control Unit

3 Description
The PCM1822-Q1 is a high-performance, Burr-
Brown™ audio analog-to-digital converter (ADC) that
supports simultaneous sampling of up to two analog
channels. The device supports single-ended and
differential line and microphone inputs with a 1-
VRMS full-scale signal. The device integrates a
phase-locked loop (PLL), a DC removal high-pass
filter (HPF), and supports sample rates up to 192
kHz. The device supports time-division multiplexing
(TDM) or I2S audio formats, selectable with the
hardware pin level. Additionally, the PCM1822-Q1
supports master and slave mode selection for the
audio bus interface operation. These integrated highperformance
features, along with the ability to be
powered from a single supply of 3.3 V, make the
device an excellent choice for cost-sensitive, spaceconstrained
audio systems in far-field microphone
recording applications.
The PCM1822-Q1 is specified from –40°C to +125°C,
and is offered in a 20-pin WQFN package.




Similar Part No. - PCM1822-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
2Mb / 41P
PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 117P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 123P
PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 123P
PCM6120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
More results


Similar Description - PCM1822-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1820-Q1 TI-PCM1820-Q1 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822 TI-PCM1822 Datasheet
2Mb / 41P
PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM3120-Q1 TI-PCM3120-Q1 Datasheet
5Mb / 117P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1820-Q1 TI-PCM1820-Q1_V01 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM3120-Q1 TI-PCM3120-Q1_V01 Datasheet
5Mb / 120P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com