Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3X9 Datasheet (PDF) - Infineon Technologies AG

TC3X9 Datasheet PDF - Infineon Technologies AG
Part # TC3X9
Download  TC3X9 Download
File Size   1254.04 Kbytes
Page   57 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Hardware: TriBoard TC3X9 TH V2.0(1) and TriBoard TC3X9 V2.0

TC3X9 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3X9 Datasheet PDF - Infineon Technologies AG

Part # TC3X9
Download  TC3X9 Click to download

File Size   1254.04 Kbytes
Page   57 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Hardware: TriBoard TC3X9 TH V2.0(1) and TriBoard TC3X9 V2.0

TC3X9 Datasheet (HTML) - Infineon Technologies AG


TC3X9 Product details

2.1 Summary of Features
– Infineon’s TC3X9 (TC399, TC389) AURIX™ 2G Controller in LFBGA-516 Package
– Infineon’s TC3X7 (TC397, TC387) AURIX™ 2G Controller in LFBGA-292 Package
– Burst Flash up to 4MBytes (only with TC399)
– asynchronous SRAM up to 2MByte (only with TC399)
– synchronous SRAM up to 4MByte (only with TC399)
– FlexRay™ 1) Transceivers
– High Speed CAN Transceivers (CAN-FD capable)
– USB to UART bridge
– Ethernet Gigabit PHY
– Serial Eeprom
– LIN Transceiver
– Crystal 20MHz (default) or External Clock
– USB miniWiggler JDS for easy debugging
– 8 Low Power Status LEDs
– 8-DIP switches for configuration
– access to all pins of controller
– 100mm x 160mm (EURO-Board)
Connectors
The TC3X9 TriBoard offers a wide variety of connectors:
– Standard power connector
– Micro USB connector for ASC Interface (ASC0) and miniWiggler
– RJ45 connector for Ethernet (10/100/1000)
– 16-pin header for JTAG interface (OCDS)
– 3 x 10-pin header for DAP, DAPE and DAP_SCR (DAPE only usable on Emulation Device)
– 10pin (2x5) Header for LIN Transceiver (LIN)
– 2 x 10pin (2x5) Header for CAN High Speed Transceiver (CAN0 and CAN1)
– 2 x 10pin (2x5) Header for FlexRay™ (ERAY-A and ERAY-B)
– five 80-pin connectors (male) + five 80-pin connectors (female) with all I/O signals
– optional ETK connector
– optional 2 x 6pin (IEEE1394) Socket for HSCT
– optional Aurora connector (only with Emulation Device)
Components
– Infineon’s Multi Voltage Safety Micro Processor Supply TLF35584QV
– Three LEDs to validate power supply (5Volt / 3,3 Volt / 1,25 Volt)
– LED indicating safe state signal 2 from TLF35584
– LED indicating /HDRST (ESR0) active state
– LED indicating activ miniWiggler JDS
– LED switched via DAS software
– 2 x Infineon’s FlexRay™ Transceiver TLE9221SX
– 2 x Infineon’s High Speed CAN-Transceiver TLE9251VSJ
Features
– Infineon’s LIN-Transceiver TLE 7259-3GE
– USB to UART bridge FT2232HL (FTDI)
– Integrated 10/100/1000M Ethernet Precision Transceiver RTL8211FI-CG (Realtek)
– 8 general purpose LEDs
– 2K I2C Serial Eeprom with EUI-48™ 1) Node Identity (MICROCHIP)
– Reset switch
– Enable switch
– Generic switch
– 4-pin Dip switch
Zero Ohm Bridges
Zero Ohm resistors give the flexibility to configure the systems functionality.




Similar Part No. - TC3X9

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC3X4L INFINEON-TC3X4L Datasheet
1,014Kb / 49P
TriBoard Manual TC3X4L Hardware: TriBoard TC3X4L TH V1.0 and TriBoard TC3X4L V1.0
V1.2 2019-09
TC3X7 INFINEON-TC3X7 Datasheet
1Mb / 60P
TriBoard Manual TC3X7 Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
V2.3 2019-09
TC3X7 INFINEON-TC3X7 Datasheet
747Kb / 33P
Application Kit Manual
V2.0 2018-06
TC3X7 INFINEON-TC3X7_V01 Datasheet
747Kb / 33P
Application Kit Manual
V2.0 2018-06
More results


Similar Description - TC3X9

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
Bluetooth V2.0 EDR Class 1 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
Class 1 Bluetooth v2.0 Module
logo
DB Lectro Inc
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
Bluetooth v2.0EDR specification
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
Bluetooth Specification v2.0 EDR Class 1
logo
Axiomtek Co., Ltd.
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
High flexibility Qseven v2.0 compliant design
logo
List of Unclassifed Man...
TI60 ETC-TI60 Datasheet
969Kb / 70P
DSTi60-v2.0
April 2022
logo
Infineon Technologies A...
TC3X4L INFINEON-TC3X4L Datasheet
1,014Kb / 49P
TriBoard Manual TC3X4L Hardware: TriBoard TC3X4L TH V1.0 and TriBoard TC3X4L V1.0
V1.2 2019-09
TC3X7 INFINEON-TC3X7 Datasheet
1Mb / 60P
TriBoard Manual TC3X7 Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
V2.3 2019-09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com