Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3X4L Datasheet (PDF) - Infineon Technologies AG

TC3X4L Datasheet PDF - Infineon Technologies AG
Part # TC3X4L
Download  TC3X4L Download
File Size   1014.51 Kbytes
Page   49 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TriBoard Manual TC3X4L Hardware: TriBoard TC3X4L TH V1.0 and TriBoard TC3X4L V1.0

TC3X4L Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3X4L Datasheet PDF - Infineon Technologies AG

Part # TC3X4L
Download  TC3X4L Click to download

File Size   1014.51 Kbytes
Page   49 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TriBoard Manual TC3X4L Hardware: TriBoard TC3X4L TH V1.0 and TriBoard TC3X4L V1.0

TC3X4L Datasheet (HTML) - Infineon Technologies AG


TC3X4L Product details

2 Features
2.1 Summary of Features
– Infineon’s TC3X4 (TC374, TC364) AURIX™ 2G Controller in LQFP-144 Package
– FlexRay™ 1) Transceivers
– High Speed CAN Transceivers (CAN-FD capable)
– USB to UART bridge
– Ethernet PHY
– Serial Eeprom
– LIN Transceiver
– Crystal 20MHz (default) or External Clock
– USB miniWiggler JDS for easy debugging
– 8 Low Power Status LEDs
– 8-DIP switches for configuration
– access to all pins of controller
– 100mm x 160mm (EURO-Board)
Connectors
The TC3X4L TriBoard offers a wide variety of connectors:
– Standard power connector
– Micro USB connector for ASC Interface (ASC0) and miniWiggler
– RJ45 connector for Ethernet
– 16-pin header for JTAG interface (OCDS)
– 2 x 10-pin header for DAP and DAP_SCR
– 10pin (2x5) Header for LIN Transceiver (LIN)
– 2 x 10pin (2x5) Header for CAN High Speed Transceiver (CAN0 and CAN1)
– 2 x 10pin (2x5) Header for FlexRay™ (ERAY-A and ERAY-B)
– four 80-pin connectors (male) + four 80-pin connectors (female) with all I/O signals
– optional ETK connector
– optional 6pin (IEEE1394) Socket for HSCT
Components
– Infineon’s Multi Voltage Safety Micro Processor Supply TLF35584QV
– Three LEDs to validate power supply (5Volt / 3,3 Volt / 1,25 Volt)
– LED indicating safe state signal 2 from TLF35584
– LED indicating /HDRST (ESR0) active state
– LED indicating activ miniWiggler JDS
– LED switched via DAS software
– 2 x Infineon’s FlexRay™ Transceiver TLE9221SX
– 2 x Infineon’s High Speed CAN-Transceiver TLE9251VSJ
– Infineon’s LIN-Transceiver TLE 7259-3GE
– USB to UART bridge FT2232HL (FTDI)
– Single-Chip/Port 10/100M Ethernet PHYCEIVER with Auto MDX RTL8201FI-VC-CG (Realtek)
– 8 general purpose LEDs
– 2K I2C Serial Eeprom with EUI-48™ 2) Node Identity (MICROCHIP)
– Reset switch
– Enable switch
– Generic switch
– 4-pin Dip switch
Zero Ohm Bridges
Zero Ohm resistors give the flexibility to configure the systems functionality.




Similar Part No. - TC3X4L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC3X7 INFINEON-TC3X7 Datasheet
1Mb / 60P
TriBoard Manual TC3X7 Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
V2.3 2019-09
TC3X7 INFINEON-TC3X7 Datasheet
747Kb / 33P
Application Kit Manual
V2.0 2018-06
TC3X7 INFINEON-TC3X7_V01 Datasheet
747Kb / 33P
Application Kit Manual
V2.0 2018-06
TC3X9 INFINEON-TC3X9 Datasheet
1Mb / 57P
Hardware: TriBoard TC3X9 TH V2.0(1) and TriBoard TC3X9 V2.0
V2.1 2017-11
More results


Similar Description - TC3X4L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT6516 ETC2-MT6516 Datasheet
6Mb / 212P
MT6516 Design Notice V1.0
logo
Semtech Corporation
SX1308P490GW SEMTECH-SX1308P490GW Datasheet
332Kb / 2P
Picocell Gateway V1.0 Development Kit
logo
Shenzhen Huazhimei Semi...
HM3132 HMSEMI-HM3132 Datasheet
860Kb / 10P
Chip Data Sheet V1.0
HM5424 HMSEMI-HM5424 Datasheet
622Kb / 11P
H User Manual V1.0
logo
Shenzhen TOPWAY Technol...
HM-0020 TOPWAY-HM-0020 Datasheet
178Kb / 12P
LCD Module User Manual V1.0
logo
Shenzhen Huazhimei Semi...
HM2106 HMSEMI-HM2106 Datasheet
723Kb / 10P
Chip Data Manual V1.0
HM2103 HMSEMI-HM2103 Datasheet
812Kb / 10P
Chip Data Manual V1.0
HM3117 HMSEMI-HM3117 Datasheet
773Kb / 10P
Chip data sheet V1.0
logo
Infineon Technologies A...
TC3X9 INFINEON-TC3X9 Datasheet
1Mb / 57P
Hardware: TriBoard TC3X9 TH V2.0(1) and TriBoard TC3X9 V2.0
V2.1 2017-11
TC3X7 INFINEON-TC3X7 Datasheet
1Mb / 60P
TriBoard Manual TC3X7 Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
V2.3 2019-09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com