Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M1903C Datasheet (PDF) - Teridian Semiconductor Corporation

73M1903C Datasheet PDF - Teridian Semiconductor Corporation
Part # 73M1903C
Download  73M1903C Download
File Size   499.54 Kbytes
Page   48 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Modem Analog Front End

73M1903C Datasheet (PDF)

Go To PDF Page Download Datasheet
73M1903C Datasheet PDF - Teridian Semiconductor Corporation

Part # 73M1903C
Download  73M1903C Click to download

File Size   499.54 Kbytes
Page   48 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Modem Analog Front End

73M1903C Datasheet (HTML) - Teridian Semiconductor Corporation


73M1903C Product details

DESCRIPTION
The 73M1903C Analog Front End (AFE) IC includes fully differential hybrid driver outputs, which connect to the telephone line interface through a transformer-based DAA. The receive pins are also fully differential for maximum flexibility and performance. This arrangement allows for the design of a high performance hybrid circuit to improve signal to noise performance under low receive level conditions, and compatibility with any standard transformer intended for PSTN communications applications.
The device incorporates a programmable sample rate circuit to support soft modem and DSP based implementations of all speeds up to V.92 (56 kbps). The sampling rates supported are from 7.2 kHz to 16.0 kHz by programming the pre-scaler NCO and the PLL NCO.
The 73M1903C device incorporates a digital host interface that is compatible with the serial ports found on most commercially available DSPs and processors and exchanges both payload and control information with the host. This interface can be configured as a single master/slave mode or as a daisy chain mode that allows the user to connect up to eight 73M1903C devices to a single host for multi Analog Front End applications, such as, central server modems.
Costs saving features of the device include an input reference frequency circuit, which accepts a range of crystals from 4.9-27 MHz. It also accepts external reference clock values between 1 MHz and 40 MHz generated by the host processor. In most applications, this eliminates the need for a dedicated crystal oscillator and reduces the bill of materials (BOM).
The 73M1903C also supports two analog loop back and one digital loop back test modes.

FEATURES
• Two pairs of software selectable transmit differential outputs for worldwide impedance driver implementations.
• Up to 56 kbps (V.92) performance
• Programmable sample rates (7.2-16.0 kHz)
• Reference clock range of 1-40 MHz
• Crystal frequency range of 4.9-27 MHz
• Master or slave mode operation
• Daisy chain configurable synchronous serial Host interface
• Low power modes
• Fully differential receiver and transmitter
Drivers for transformer interface
• 3.0 V – 3.6 V operation
• 5 V tolerant I/O
• Industrial temperature range (-40 to +85 °C)
• JATE compliant transmit spectrum
• Package option: 32-pin QFN

APPLICATIONS
• Central site server modems
• Set Top Boxes
• Personal Video Recorders (PVR)
• Multifunction Peripherals (MFP)
• Fax Machines
• Internet Appliances
• Game Consoles
• Point of Sale Terminals
• Automatic Teller Machines
• Speaker Phones
• Digital Answering Machines
• RF Modems




Similar Part No. - 73M1903C

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
73M1903C-IM/F TERIDIAN-73M1903C-IM/F Datasheet
459Kb / 46P
Modem Analog Front End
73M1903C-IMR/F TERIDIAN-73M1903C-IMR/F Datasheet
459Kb / 46P
Modem Analog Front End
More results


Similar Description - 73M1903C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
Facsimile/Data Modem Analog Front End (AFE)
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
Advanced modem/audio analog front-end
1998 May 08
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
Advanced modem/audio analog front-end
1998 Jul 22
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
Advanced modem/audio analog front-end
1999 Jul 20
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
logo
DATEL, Inc.
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
Modem Analog Front End
March 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com