Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M1903 Datasheet (PDF) - Teridian Semiconductor Corporation

73M1903 Datasheet PDF - Teridian Semiconductor Corporation
Part # 73M1903
Download  73M1903 Download
File Size   548.46 Kbytes
Page   46 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Modem Analog Front End

73M1903 Datasheet (PDF)

Go To PDF Page Download Datasheet
73M1903 Datasheet PDF - Teridian Semiconductor Corporation

Part # 73M1903
Download  73M1903 Click to download

File Size   548.46 Kbytes
Page   46 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Modem Analog Front End

73M1903 Datasheet (HTML) - Teridian Semiconductor Corporation


73M1903 Product details

DESCRIPTION
The Teridian 73M1903 Analog Front End (AFE) IC includes fully differential hybrid driver outputs, which connect to the telephone line interface through a transformer-based DAA. The receive pins are also fully differential for maximum flexibility and performance. This arrangement allows for the design of a high performance hybrid circuit to improve signal to noise performance under low receive level conditions, and compatibility with any standard transformer intended for PSTN communications applications.
   
FEATURES
• Up to 56 kbps (V.92) performance
• Programmable sample rates (7.2 - 14.4 kHz)
• Reference clock range of 9-40 MHz
• Crystal frequency range of 9-27 MHz
• Host synchronous serial interface operation
• Pin compatible with 73M2901CL/CE
    modems
• Low power modes
• On board line interface drivers
• Fully differential receiver and transmitter
• Drivers for transformer interface
• 3.0 V – 3.6 V operation
• 5 V tolerant I/O
• Industrial temperature range (-40 to +85 °C)
• JATE compliant transmit spectrum
• Package options:
    • 32-pin QFN
    • 20-pin TSSOP
• RoHS compliant (6/6) lead-free packages
   
APPLICATIONS
• Set Top Boxes
• Personal Video Recorders (PVR)
• Multifunction Peripherals (MFP)
• Fax Machines
• Internet Appliances
• Game Consoles
• Point of Sale Terminals
• Automatic Teller Machines
• Speaker Phones
• RF Modems
   




Similar Part No. - 73M1903

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
552Kb / 47P
Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
73M1903C TERIDIAN-73M1903C Datasheet
499Kb / 48P
Modem Analog Front End
March 2010
73M1903C-IM/F TERIDIAN-73M1903C-IM/F Datasheet
459Kb / 46P
Modem Analog Front End
73M1903C-IMR/F TERIDIAN-73M1903C-IMR/F Datasheet
459Kb / 46P
Modem Analog Front End
More results


Similar Description - 73M1903

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
Facsimile/Data Modem Analog Front End (AFE)
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
Advanced modem/audio analog front-end
1998 May 08
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
Advanced modem/audio analog front-end
1998 Jul 22
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
Advanced modem/audio analog front-end
1999 Jul 20
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
logo
DATEL, Inc.
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
Modem Analog Front End
March 2010
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
Modem Analog Front End
March 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com