Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2412BBC1 Datasheet (PDF) - DB Lectro Inc

B2412BBC1 Datasheet PDF - DB Lectro Inc
Part # B2412BBC1
Download  B2412BBC1 Download
File Size   259.78 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE

B2412BBC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B2412BBC1 Datasheet PDF - DB Lectro Inc

Part # B2412BBC1
Download  B2412BBC1 Click to download

File Size   259.78 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE

B2412BBC1 Datasheet (HTML) - DB Lectro Inc




Similar Part No. - B2412BBC1

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B2412(X)T-1W MORNSUN-B2412(X)T-1W Datasheet
177Kb / 5P
DC/DC Converter
B2412(X)T-2W MORNSUN-B2412(X)T-2W Datasheet
360Kb / 4P
2W, Fixed input voltage , isolated unregulated single output
B2412(X)T-2W MORNSUN-B2412(X)T-2W Datasheet
530Kb / 5P
SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
B2412D-1W REICU-B2412D-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B2412D-1WR2 MORNSUN-B2412D-1WR2 Datasheet
1Mb / 6P
1W, Fixed input voltage, isolated & unregulated single output
More results


Similar Description - B2412BBC1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B14 DBLECTRO-B14 Datasheet
211Kb / 1P
FEMALE HEADER PROFILE : 4.2mm SIDE-ENTRY TYPE
B23 DBLECTRO-B23 Datasheet
242Kb / 1P
FEMALE HEADER PROFILE : 5.0mm STRAIGHT
B25 DBLECTRO-B25 Datasheet
262Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
B27A DBLECTRO-B27A Datasheet
281Kb / 1P
FEMALE HEADER SINGLE ROW PROFILE : 5.0mm SMT TYPE
B27B DBLECTRO-B27B Datasheet
194Kb / 1P
FEMALE HEADER DUAL ROW PROFILE : 5.0mm SMT TYPE
B29 DBLECTRO-B29 Datasheet
206Kb / 1P
FEMALE HEADER PROFILE : 3.3mm SIDE-ENTRY TYPE(SINGLE ROW)
B30 DBLECTRO-B30 Datasheet
221Kb / 1P
FEMALE HEADER PROFILE : 5.8mm SIDE-ENTRY TYPE (DUAL ROW)
logo
Dubilier
DBCIDCB14D04BG1 DUBILIER-DBCIDCB14D04BG1 Datasheet
106Kb / 1P
FEMALE HEADERS FEMALE HEADER SIDE ENTRY - 4.2mm PROFILE
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com