| Electronic Components Datasheet Search |
|
STGIF7CH60S-X Datasheet (PDF) - STMicroelectronics |
STGIF7CH60S-X Datasheet (PDF) |
|
Download Datasheet |
| Part # | STGIF7CH60S-X |
| Download | STGIF7CH60S-X Click to download |
| File Size | 881.03 Kbytes |
| Page | 23 Pages |
| Manufacturer | STMICROELECTRONICS [STMicroelectronics] |
| Direct Link | http://www.st.com |
| Logo | |
| Description | SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT |
STGIF7CH60S-X Datasheet (HTML) - STMicroelectronics |
STGIF7CH60S-X Product details |
|
Similar Part No. - STGIF7CH60S-X |
|
Similar Description - STGIF7CH60S-X |
|
About STMicroelectronics |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |