Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIF7CH60S-X Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGIF7CH60S-X
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF7CH60S-X Datasheet(HTML) 4 Page - STMicroelectronics

  STGIF7CH60S-X Datasheet HTML 1Page - STMicroelectronics STGIF7CH60S-X Datasheet HTML 2Page - STMicroelectronics STGIF7CH60S-X Datasheet HTML 3Page - STMicroelectronics STGIF7CH60S-X Datasheet HTML 4Page - STMicroelectronics STGIF7CH60S-X Datasheet HTML 5Page - STMicroelectronics STGIF7CH60S-X Datasheet HTML 6Page - STMicroelectronics STGIF7CH60S-X Datasheet HTML 7Page - STMicroelectronics STGIF7CH60S-X Datasheet HTML 8Page - STMicroelectronics STGIF7CH60S-X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2
Absolute maximum ratings
TJ = 25 °C unless otherwise noted.
Table 2. Inverter parts
Symbol
Parameter
Value
Unit
VPN
Supply voltage between P -NU, -NV, -NW
450
V
VPN(surge)
Supply voltage (surge) between P -NU, -NV, -NW
500
V
VCES
Collector-emitter voltage each IGBT
600
V
±IC
Continuous collector current each IGBT (TC = 25 °C)
10
A
Continuous collector current each IGBT (TC = 80 °C)
7
±ICP
Peak collector current each IGBT (less than 1 ms)
20
A
PTOT
Total power dissipation at TC = 25 °C each IGBT
31
W
tSCW
Short-circuit withstand time, VCE = 300 V, TJ = 125 °C,
VCC = Vboot = 15 V, VIN = 0 to 5 V
5
μs
Table 3. Control parts
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage applied between VCCH-GND, VCCL-GND
- 0.3
20
V
VBOOT
Bootstrap voltage
- 0.3
619
V
VOUT
Output voltage applied between U, V, W and GND
VBOOT - 21
VBOOT + 0.3
V
VCIN
Comparator input voltage
- 0.3
20
V
VIN
Logic input voltage applied between HINx, LINx and GND
- 0.3
15
V
VSD/OD
Open drain voltage
-0.3
7
V
ISD/OD
Open drain sink current
10
mA
VTSO
Temperature sensor output voltage
-0.3
5.5
V
ITSO
Temperature sensor output current
7
mA
Table 4. Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied between each pin and heat sink plate
(AC voltage, t = 60 s)
1600
Vrms
TJ
Power chip operating junction temperature range
-40 to 175
°C
TC
Operating case temperature range
-40 to 125
°C
STGIF7CH60S-X
Absolute maximum ratings
DS13926 - Rev 1
page 4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com