Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2230 Datasheet (PDF) - Toshiba Semiconductor

2SK2230 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2230
Download  2SK2230 Download
File Size   283.06 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS

2SK2230 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2230 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2230
Download  2SK2230 Click to download

File Size   283.06 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS

2SK2230 Datasheet (HTML) - Toshiba Semiconductor


2SK2230 Product details

Features
- Low Drain-Source ON Resistance: RDS (ON)=1.20 (Typ.)
- High Forward Transfer Admittance : Yfs=1.4S (Typ.)
- Low Leakage Current IDSS-300A (Max.) (VDS-250V)
- Enhancement-Mode : Vth=2.0~4.0V (VDS=10V, ID=1mA)




Similar Part No. - 2SK2230

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2231 TOSHIBA-2SK2231 Datasheet
285Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2231 TOSHIBA-2SK2231 Datasheet
803Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2231 TOSHIBA-2SK2231 Datasheet
426Kb / 6P
Chopper Regulator, DC/DC Converter and Motor Drive
logo
VBsemi Electronics Co.,...
2SK2231 VBSEMI-2SK2231 Datasheet
1,002Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2231 ISC-2SK2231 Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2230

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2200 TOSHIBA-2SK2200 Datasheet
285Kb / 5P
NCHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2782 TOSHIBA-2SK2782 Datasheet
290Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK2200 TOSHIBA-2SK2200_06 Datasheet
735Kb / 6P
NCHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
Chopper Regulator, DC/DC Converter and Motor Drive Applications
TJ120F06J3 TOSHIBA-TJ120F06J3 Datasheet
223Kb / 7P
Chopper Regulator, DC-DC Converter Applications Motor Drive Applications
2SK4002 TOSHIBA-2SK4002_09 Datasheet
415Kb / 6P
Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com