Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2782 Datasheet (PDF) - Toshiba Semiconductor

2SK2782 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2782
Download  2SK2782 Download
File Size   290.29 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK2782 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2782 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2782
Download  2SK2782 Click to download

File Size   290.29 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK2782 Datasheet (HTML) - Toshiba Semiconductor


2SK2782 Product details

4 V gate drive

Low drain−source ON resistance  : RDS (ON)= 0.039 Ω(typ.)

High forward transfer admittance  : |Yfs| = 11S (typ.)

Low leakage current  : IDSS= 100 µA (max) (VDS= 60 V)

Enhancement−mode : Vth= 0.8~2.0 V (VDS= 10 V, ID= 1mA)




Similar Part No. - 2SK2782

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2782 TOSHIBA-2SK2782 Datasheet
723Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2782 TOSHIBA-2SK2782 Datasheet
432Kb / 6P
Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2782 TOSHIBA-2SK2782 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK2782 VBSEMI-2SK2782 Datasheet
896Kb / 6P
N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2782 ISC-2SK2782 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2782

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1486 TOSHIBA-2SK1486 Datasheet
257Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2992 TOSHIBA-2SK2992 Datasheet
277Kb / 5P
N CHANNEL MOS TYPE(HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER,AND MOTOR DRIVE APPLICATIONS)
2SK2995 TOSHIBA-2SK2995 Datasheet
296Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3068 TOSHIBA-2SK3068 Datasheet
291Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3084 TOSHIBA-2SK3084 Datasheet
142Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3090 TOSHIBA-2SK3090 Datasheet
137Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3128 TOSHIBA-2SK3128 Datasheet
140Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1486 TOSHIBA-2SK1486_06 Datasheet
744Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com