Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4292 Datasheet (PDF) - Analog Devices

LTC4292 Datasheet PDF - Analog Devices
Part # LTC4292
Download  LTC4292 Download
File Size   2597.76 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control

LTC4292 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4292 Datasheet PDF - Analog Devices

Part # LTC4292
Download  LTC4292 Click to download

File Size   2597.76 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control

LTC4292 Datasheet (HTML) - Analog Devices


LTC4292 Product details

DESCRIPTION
The LTC®9101-3/LTC9103 chipset is a 8/16-port power
sourcing equipment (PSE) controller and power manager
designed for use in IEEE 802.3at compliant Power
over Ethernet (PoE) systems. The LTC9101-3 manages a
user-defined system-level power budget across all ports.
Port power is automatically assigned based on system
power availability, initial physical classification and after
power up, port dynamic power consumption.
The LTC9101-3 prioritizes port power by port number (port 1
is highest priority) and automatically removes power from
lower priority ports to accommodate higher priority ports.
The LTC9101-3 features an interface to control an external
serial LED driver. LED indications include Port On, Port
Off, Port Power Denied, and Port Fault states. A Supply
Overload LED indicates system power usage is near
power limit or a port is being denied power.
The LTC9101-3 operates without a host present.
Configuration is accomplished by pin settings and I2Cbased
flash programming.
The LTC9101-3 autonomously performs compliant
802.3at detection, classification power up, power on, and
fault management.

FEATURES
- Fully Compliant IEEE 802.3at (Type 2) PSE
- Up to 16 PSE Ports
- Fully Autonomous System-Level Power Manager
- No Host Processor Required
- System-Level PoE LED Controller
- Per-Port Status and Fault LEDs
- Supply Overload LED with Hysteresis
- eFlash-Programmable System Settings
- Port- and System-Level Power Thresholds
- LED Mapping and Blink Rate
- Port Power Priority
- ECC-Protected eFlash and Data RAMs
- Very High Reliability Multipoint PD Detection
- Lowest Per-Port Power Path Dissipation
- 100mΩ Sense Resistance
- 57mΩ or Lower MOSFET RDS(ON)
- Chipset Isolation Eliminates Isolated 3.3V Supply
- Available in a 64-Lead 7mm × 11mm (LTC9103) and
24-Lead 4mm × 4mm (LTC9101-3) QFN Packages

APPLICATIONS
- Small Business PoE PSE Switches/Routers




Similar Part No. - LTC4292

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Analog Devices
LTC4292 AD-LTC4292 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC4292 AD-LTC4292 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC4292 AD-LTC4292 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC4292 AD-LTC4292 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
More results


Similar Description - LTC4292

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Texas Instruments
TPS2388 TI1-TPS2388 Datasheet
1Mb / 82P
IEEE 802.3at 8-Channel Power-over-Ethernet PSE Controller
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com