| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
336320-12-0050
|
320Kb / 1P |
REVERSE POLARITY SMA BULKHEAD CRIMP JACK IP 67
|
 Schneider Electric |
XZCC12FDB50R
|
113Kb / 3P |
female, M12, 5-pin, shielded straight connector
Dec 7, 2020 |
 TE Connectivity Ltd |
2351378
|
434Kb / 1P |
M12 MALE STRAIGHT SHIELDED CONNECTOR D4 CODE, CRIMP TYPE, IP 67
Rev. A |
|
2351415
|
434Kb / 1P |
M12 MALE STRAIGHT SHIELDED CONNECTOR A8 CODE, CRIMP TYPE, IP 67
Rev. A |
|
2351769
|
110Kb / 1P |
M12 MALE CONTACT A8 CODE
Rev. A |
|
2358990
|
428Kb / 1P |
M12 FEMALE STRAIGHT SHIELDED CONNECTOR IP 67, D4 CODE, CRIMP TYPE
|
|
2358997
|
112Kb / 1P |
M12 FEMALE CONTACT A8 CODE
Rev. A |
 Bel Fuse Inc. |
CT120019
|
199Kb / 1P |
M12 X-CODE IP 68 PLASTIC CAP
Rev. A0 |
|
CT120024
|
119Kb / 1P |
M12 K-CODE, IP 68 VERTICAL FEMALE
Rev. A0 |
|
CT120025
|
119Kb / 1P |
M12 K-CODE, IP 68 VERTICAL FEMALE PIGTAIL 3FT
Rev. A0 |