| Manufacturer | Part # | Datasheet | Description |
 TE Connectivity Ltd |
2358990
|
428Kb / 1P |
M12 FEMALE STRAIGHT SHIELDED CONNECTOR IP 67, D4 CODE, CRIMP TYPE
|
|
2358992
|
424Kb / 1P |
M12 FEMALE STRAIGHT SHIELDED CONNECTOR IP 67, A8 CODE, CRIMP TYPE
Rev. A |
|
2358997
|
112Kb / 1P |
M12 FEMALE CONTACT A8 CODE
Rev. A |
 NorComp |
FPM12A04IYYAF0Y
|
119Kb / 2P |
M12 PIGTAIL SERIES-FEMALE BRASS-4POISITION
Rev.02 01/23/2019 |
|
FPM12A04IYYCF0Y
|
119Kb / 2P |
M12 PIGTAIL SERIES-FEMALE-BRASS-4POSITOIN
Rev.04 01/23/2019 |
 Bel Fuse Inc. |
CT120018
|
292Kb / 1P |
M12 X-CODE, IP 68 VERTICAL PANEL MOUNT
Rev. A0 |
|
CT120019
|
199Kb / 1P |
M12 X-CODE IP 68 PLASTIC CAP
Rev. A0 |
|
CT120021
|
247Kb / 1P |
M12 K-CODE, IP68 VERTICAL PANEL MOUNT
Rev. A0 |
|
CT120022
|
109Kb / 1P |
M12 K-CODE IP 68 PLASTIC CAP INTERNAL THREADS
Rev. A0 |
|
CT120024
|
119Kb / 1P |
M12 K-CODE, IP 68 VERTICAL FEMALE
Rev. A0 |