Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2923HQ Datasheet (PDF) - Toshiba Semiconductor

TB2923HQ Datasheet PDF - Toshiba Semiconductor
Part # TB2923HQ
Download  TB2923HQ Download
File Size   300.77 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 50 W × 4-ch BTL Audio Power IC

TB2923HQ Datasheet (PDF)

Go To PDF Page Download Datasheet
TB2923HQ Datasheet PDF - Toshiba Semiconductor

Part # TB2923HQ
Download  TB2923HQ Click to download

File Size   300.77 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 50 W × 4-ch BTL Audio Power IC

TB2923HQ Datasheet (HTML) - Toshiba Semiconductor


TB2923HQ Product details

Features
• High output power
• POUT MAX (1) = 50 W (typ.)
(VCC = 15.2 V, f = 1 kHz, JEITA max, RL = 4 Ω)
• POUT MAX (2) = 43 W (typ.)
(VCC = 13.7 V, f = 1 kHz, JEITA max, RL = 4 Ω)
• POUT MAX (3) = 80 W (typ.)
(VCC = 14.4 V, f = 1 kHz, JEITA max, RL = 2 Ω)
• POUT (1) = 29 W (typ.)
(VCC = 14.4 V, f = 1 kHz, THD = 10%, RL = 4 Ω)
• POUT (2) = 25 W (typ.)
(VCC = 13.2 V, f = 1 kHz, THD = 10%, RL = 4 Ω)
• Low THD: 0.005% (typ.) (VCC = 13.2 V, f = 1 kHz, POUT = 5 W, RL = 4 Ω)
• Low noise: VNO = 50 μVrms (typ.)
(VCC = 13.2 V, Rg = 0 Ω, BW = 20 Hz to 20 kHz, RL = 4 Ω)
• Standby switch (pin 4)
• Mute function (pin 22)
• Output DC offset detection (pin 25)
• Various protection features
Thermal overload; overvoltage; output short-circuits to GND, VCC and across the load; speaker current limiting
• Operating supply voltage: VCC (opr) = 8.0 to 18 V (RL = 4 Ω)




Similar Part No. - TB2923HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2921AHQ TOSHIBA-TB2921AHQ Datasheet
264Kb / 17P
51 W × 4-ch BTL Audio Power IC
2009-02-03
TB2921HQ TOSHIBA-TB2921HQ Datasheet
213Kb / 11P
Maximum Power 50 W BTL × 4-ch Audio Power IC
2006-05-25
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
TB2924FG TOSHIBA-TB2924FG Datasheet
534Kb / 16P
Class D, 20 W 횞 2-channel (BTL) Low-Frequency Power Amplifier IC
More results


Similar Description - TB2923HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2936HQ TOSHIBA-TB2936HQ Datasheet
477Kb / 20P
49 W x 4-ch BTL Audio Power IC
TA8266HQ TOSHIBA-TA8266HQ Datasheet
320Kb / 16P
Max Power 35 W BTL × 4 ch Audio Power IC
2006-04-28
TA8272HQ TOSHIBA-TA8272HQ Datasheet
307Kb / 15P
Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TA8275HQ TOSHIBA-TA8275HQ Datasheet
326Kb / 16P
Max Power 41 W BTL × 4 ch Audio Power IC
2006-04-28
TB2921AHQ TOSHIBA-TB2921AHQ Datasheet
264Kb / 17P
51 W × 4-ch BTL Audio Power IC
2009-02-03
TB2921HQ TOSHIBA-TB2921HQ Datasheet
213Kb / 11P
Maximum Power 50 W BTL × 4-ch Audio Power IC
2006-05-25
TB2926CHQ TOSHIBA-TB2926CHQ Datasheet
296Kb / 18P
49 W × 4-ch BTL Audio Power IC
2009-01-29
TB2926HQ TOSHIBA-TB2926HQ Datasheet
333Kb / 18P
45 W × 4-ch BTL Audio Power IC
2006-11-27
TB2912HQ TOSHIBA-TB2912HQ Datasheet
586Kb / 40P
Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-04-28
TB2946HQ TOSHIBA-TB2946HQ Datasheet
484Kb / 18P
49 W × 4-ch BTL Audio Power IC
2009-01-29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com