Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV-HE Datasheet (PDF) - Stackpole Electronics, Inc.

RV-HE Datasheet PDF - Stackpole Electronics, Inc.
Part # RV-HE
Download  RV-HE Download
File Size   3755.76 Kbytes
Page   27 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Standard and High Energy Metal Oxide Varistor

RV-HE Datasheet (PDF)

Go To PDF Page Download Datasheet
RV-HE Datasheet PDF - Stackpole Electronics, Inc.

Part # RV-HE
Download  RV-HE Click to download

File Size   3755.76 Kbytes
Page   27 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Standard and High Energy Metal Oxide Varistor

RV-HE Datasheet (HTML) - Stackpole Electronics, Inc.


RV-HE Product details

Features:
• AC operating voltage from 11V to 1000V
• DC operating voltage from 14V to 1465V
• Peak current up to 10000A
• Energy handling up to 990J
• UL1449 certified file no. E476752
• Operating temperature range -40ºC to +85ºC
• Crimped and short lead styles available
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - RV-HE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RV-0505D RECOM-RV-0505D Datasheet
108Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
RV-0505D RECOM-RV-0505D Datasheet
106Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
RV-0505DP RECOM-RV-0505DP Datasheet
106Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
RV-0505S RECOM-RV-0505S Datasheet
108Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
RV-0505S RECOM-RV-0505S Datasheet
106Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
More results


Similar Description - RV-HE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
Metal Oxide Varistor
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
Metal Oxide Varistor
logo
List of Unclassifed Man...
G ETC2-G_V01 Datasheet
214Kb / 9P
Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVT ETC-JVT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVZ ETC-JVZ Datasheet
1Mb / 21P
Metal Oxide Varistor
2022/09/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com