Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV-HE Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RV-HE
Description  Standard and High Energy Metal Oxide Varistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RV-HE Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RV-HE Datasheet HTML 1Page - Stackpole Electronics, Inc. RV-HE Datasheet HTML 2Page - Stackpole Electronics, Inc. RV-HE Datasheet HTML 3Page - Stackpole Electronics, Inc. RV-HE Datasheet HTML 4Page - Stackpole Electronics, Inc. RV-HE Datasheet HTML 5Page - Stackpole Electronics, Inc. RV-HE Datasheet HTML 6Page - Stackpole Electronics, Inc. RV-HE Datasheet HTML 7Page - Stackpole Electronics, Inc. RV-HE Datasheet HTML 8Page - Stackpole Electronics, Inc. RV-HE Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Rev Date: 2/14/2022
3
www.seielect.com
This Specifications may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RV / RV-HE Series
Standard and High Energy Metal Oxide Varistor
Stackpole Electronics, Inc.
Resistive Product Solutions
RV Electrical Specifications
– 14 mm
RV Electrical Specifications
– 20 mm
VN
IC
IMAX
WMAX
CTYP
(1 mA)
(8/20 uSec) (8/20 uSec) (10/1000 uSec)
(@ 1 kHz)
(V)
(V)
(V)
(V)
(A)
(A)
(J)
(W)
(pF)
(mm)
RV180L14
18
11
14
36
10
1000
4.0
0.10
11100
4.6
RV220L14
22
14
18
43
10
1000
5.0
0.60
9100
4.7
RV270L14
27
17
22
53
10
1000
6.0
0.10
7400
4.8
RV330L14
33
20
26
65
10
1000
7.5
0.60
6100
5.0
RV390K14
39
25
31
77
10
1000
8.6
0.10
5100
4.9
RV470K14
47
30
38
93
10
1000
10.0
0.10
4300
5.0
RV560K14
56
35
45
110
10
1000
11.0
0.10
3600
5.1
RV680K14
68
40
56
135
10
1000
14.0
0.10
2900
5.3
RV820K14
82
50
65
135
50
4500
22.0
0.60
2400
4.5
RV101K14
100
60
85
165
50
4500
28.0
0.60
2000
4.7
RV121K14
120
75
100
200
50
4500
32.0
0.60
1700
4.9
RV151K14
150
95
125
250
50
4500
40.0
0.60
1300
5.2
RV181K14
180
115
150
300
50
4500
50.0
0.60
1100
4.8
RV201K14
200
130
170
340
50
4500
57.0
0.60
1000
4.8
RV221K14
220
140
180
360
50
4500
60.0
0.60
900
4.9
RV241K14
240
150
200
395
50
4500
63.0
0.60
830
5.0
RV271K14
270
175
225
455
50
4500
70.0
0.60
740
5.2
RV301K14
300
190
250
500
50
4500
77.0
0.60
670
5.3
RV331K14
330
210
275
550
50
4500
85.0
0.60
610
5.6
RV361K14
360
230
300
595
50
4500
93.0
0.60
560
5.7
RV391K14
390
250
320
650
50
4500
100.0
0.60
510
5.8
RV431K14
430
275
350
710
50
4500
115.0
0.60
460
6.2
RV471K14
470
300
385
775
50
4500
118.0
0.60
430
6.5
RV511K14
510
320
415
845
50
4500
121.0
0.60
390
6.5
RV561K14
560
350
460
925
50
4500
125.0
0.60
360
6.5
RV621K14
620
385
505
1025
50
4500
128.0
0.60
320
7.1
RV681K14
680
420
560
1120
50
4500
130.0
0.60
290
7.4
RV751K14
750
460
615
1240
50
4500
143.0
0.60
270
7.8
RV781K14
780
485
640
1290
50
4500
148.0
0.60
260
7.9
RV821K14
820
510
670
1355
50
4500
157.0
0.60
240
8.1
RV911K14
910
550
745
1500
50
4500
175.0
0.60
220
8.6
RV102K14
1000
625
825
1650
50
4500
190.0
0.60
200
9.1
RV112K14
1100
680
895
1815
50
4500
213.0
0.60
180
9.7
RV182K14
1800
1000
1465
2970
50
4500
250.0
0.60
130
14.4
tmax = maximum part thickness
VC
PMAX
tMAX
Part Number
VRMS
VDC
VN
IC
IMAX
WMAX
CTYP
(1 mA)
(8/20 uSec) (8/20 uSec) (10/1000 uSec)
(@ 1 kHz)
(V)
(V)
(V)
(V)
(A)
(A)
(J)
(W)
(pF)
(mm)
RV180K20
18
11
14
36
20
2000
11.0
0.20
28500
5.3
RV220K20
22
14
18
43
20
2000
14.0
0.20
18500
5.4
RV270K20
27
17
22
53
20
2000
16.0
0.20
13000
5.5
RV330K20
33
20
26
65
20
2000
23.0
0.20
11500
5.6
RV390LK0
39
25
31
77
20
2000
26.0
0.20
8500
5.5
RV470K20
47
30
38
93
20
2000
30.0
0.20
7400
5.6
RV560K20
56
35
45
110
20
2000
38.0
0.20
6500
5.7
RV680K20
68
40
56
135
20
2000
41.0
0.20
5800
5.8
RV820K20
82
50
65
135
100
6500
45.0
1.00
4900
4.9
RV101K20
100
60
85
165
100
6500
50.0
1.00
4000
5.1
RV121K20
120
75
100
200
100
6500
55.0
1.00
3300
5.3
RV151K20
150
95
125
250
100
6500
70.0
1.00
2700
5.6
RV181K20
180
115
150
300
100
6500
85.0
1.00
2200
5.2
Part Number
VRMS
VDC
VC
PMAX
tMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27