Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M2901 Datasheet (PDF) - TDK Electronics

73M2901 Datasheet PDF - TDK Electronics
Part # 73M2901
Download  73M2901 Download
File Size   316.13 Kbytes
Page   17 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Advanced Single Chip Modem

73M2901 Datasheet (PDF)

Go To PDF Page Download Datasheet
73M2901 Datasheet PDF - TDK Electronics

Part # 73M2901
Download  73M2901 Click to download

File Size   316.13 Kbytes
Page   17 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Advanced Single Chip Modem

73M2901 Datasheet (HTML) - TDK Electronics


73M2901 Product details

DESCRIPTION

The 73M2901/5V is a single-chip modem that combines all the controller (DTE) and data pump functions necessary to implement an intelligent V.22bis data modem. This device is based on TDK Semiconductor’s implementation of the industry standard 8032 microcontroller core with a proprietary multiply and accumulate (MAC) coprocessor; Sigma Delta A/D and D/A converters; and an analog front end. The ROM and RAM necessary to operate the modem are contained on the device. Additionally, the 73M2901/5V provides an on-chip oscillator and Hybrid driver.



FEATURES

•  Low overall system chip count. True one chip solution for embedded systems

•  Low operating power (~250mW @ 5V, automatic low power standby and power down options available)

•  Internal ROM and RAM for normal operation

•  On chip optional hybrid driver

•  Designed for +5 volts (+/-10%)

•  Data speeds:

   V.22bis – 2400bps

   V.22, Bell 212 – 1200bps

   V.21, Bell 103 – 300bps

   V.23 – 1200/75bps (w/ turnaround (PAVI))

   Bell 202 – 1200bps

   Bell 202 and V23 4-wire operations

•  Dynamic Range: -9dBm to –43 dBm

•  “AT” command set

•  Host access to modem port pins via AT commands for custom I/O expansion

•  DTMF tone generation and detection

•  Call progress support with multinational options (FCC68, CTR21, JATE…)

•  Caller ID capability

•  Blacklisting capability

•  Packaging: 32 pin PLCC or 44 pin TQFP




Similar Part No. - 73M2901

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
Single Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
277Kb / 22P
Single Chip Modem
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
73M2901CE-IGVR/F TERIDIAN-73M2901CE-IGVR/F Datasheet
277Kb / 22P
Single Chip Modem
More results


Similar Description - 73M2901

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
Single-Chip Modem Modem with UART
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
Advanced Single Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
Single-Chip Modem
logo
Broadcom Corporation.
BCM3349 BOARDCOM-BCM3349 Datasheet
182Kb / 2P
ADVANCED QAMLINK짰 DOCSIS-R 2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
Single-Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
Single Chip Modem
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com