Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC35667FTG Datasheet (PDF) - Toshiba Semiconductor

TC35667FTG Datasheet PDF - Toshiba Semiconductor
Part # TC35667FTG
Download  TC35667FTG Download
File Size   755.49 Kbytes
Page   26 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart

TC35667FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC35667FTG Datasheet PDF - Toshiba Semiconductor

Part # TC35667FTG
Download  TC35667FTG Click to download

File Size   755.49 Kbytes
Page   26 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart

TC35667FTG Datasheet (HTML) - Toshiba Semiconductor


TC35667FTG Product details

1 General Description
1.1. Product Concept
TC35667FTG is IC based on a 2.4 GHz wireless-communications Bluetooth™ V4.0 Low Energy standard, which includes an RF
analog part and a Baseband digital part. TC35667FTG provides Bluetooth™ HCI (Host Control Interface) function and LE (Low
Energy) function specified in Bluetooth™ Specifications.
Connected with an external host processor, TC35667FTG easily realizes low energy consumption applications.

1.2. Features
 Compliant with BluetoothTM Ver4.0 Low Energy
 Built-in BluetoothTM Baseband digital core
 Built-in BluetoothTM RF analog core
 Built-in ARM7TDMI-STM core
 On-chip ProgramMask-ROM (320 KB)
 On-chip Work RAM for BluetoothTM Baseband process (96 KB)
 On-chip RAM for application program storing (32 KB)
 Supports patch program loader function
 General Purpose IO (16 pins)
 General Purpose Serial Interfaces
 SPI interface (1 ch/General Purpose IO)
 I2Cinterface (1 ch/General Purpose IO)
 Host CPU Interface
 UART interface (2.4 kbps to 921.6 kbps, 2 channels – RTS/CTS are shared with TX2/RX2 and GPIO)
 Wake-up Interface (1 ch/General Purpose IO)
 Wake-up input function from sleep and deep sleep
 PWM Interface (3 ch/General Purpose IO)
 Base Clock Input (26 MHz)
 Built-in oscillator for external resonator connection
 Sleep Clock Input (32.768 kHz)
 External input supported
 Built-in oscillator for external resonator connection
 Internal oscillation SiOSC supported
 Sleep and Deep Sleep Function
 Built-in DCDC converter and LDO
 Wide range of input power supply voltage supported (1.8 to 3.6 V, single)
 Built-in general purpose ADC
 3 ch for external inputs
 1 ch for internal VDD detection
 Package:
 QFN40-P-606-0.50 [40 pin, 6 x 6 mm2, 0.5 mm pitch, 0.9 mm thickness]




Similar Part No. - TC35667FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35667FTG-006 TOSHIBA-TC35667FTG-006 Datasheet
575Kb / 41P
TC35667FTG-006 TC35667FSG-006 Bluetooth® LE Single IC
2017-04-07 Rev 2.2
More results


Similar Description - TC35667FTG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYW920820M2EVB-01 INFINEON-CYW920820M2EVB-01 Datasheet
4Mb / 4P
AIROC CYW20820 Bluetooth and Bluetooth® LE system on chip evaluation kit
05 / 2022
logo
Toshiba Semiconductor
TC35667FTG-006 TOSHIBA-TC35667FTG-006 Datasheet
575Kb / 41P
TC35667FTG-006 TC35667FSG-006 Bluetooth® LE Single IC
2017-04-07 Rev 2.2
TC35670FTG-006 TOSHIBA-TC35670FTG-006 Datasheet
1,014Kb / 69P
TC35670FTG-006 Bluetooth® Smart NFC Tag IC
2016-05-31 Rev 2.1
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
Bluetooth® Smart Ready HCI Module
Version 1.27
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
CYW20835 INFINEON-CYW20835 Datasheet
791Kb / 46P
AIROC™ Bluetooth® LE system on chip
Rev. B 2023-01-18
CY8C63X6 INFINEON-CY8C63X6 Datasheet
2Mb / 108P
PSoC™ 63 MCU with Bluetooth® LE
Rev. R 2023-05-10
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com