Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW20835 Datasheet (PDF) - Infineon Technologies AG

CYW20835 Datasheet PDF - Infineon Technologies AG
Part # CYW20835
Download  CYW20835 Download
File Size   791.08 Kbytes
Page   46 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description AIROC™ Bluetooth® LE system on chip

CYW20835 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYW20835 Datasheet PDF - Infineon Technologies AG

Part # CYW20835
Download  CYW20835 Click to download

File Size   791.08 Kbytes
Page   46 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description AIROC™ Bluetooth® LE system on chip

CYW20835 Datasheet (HTML) - Infineon Technologies AG


CYW20835 Product details

Features
• Bluetooth® subsystem
- Complies with Bluetooth® core specification v5.2 with LE 2-Mbps support
- Bluetooth® Low Energy
- Supports adaptive frequency hopping (AFH)
- Programmable TX power up to 12 dBm
- Rx sensitivity -94.5 dBm (Bluetooth® LE)
- Ultra-low-power radio
• RX current 8mA
• TX current 18 mA @ 12 dBm
• Coexistence support
- Support for global coexistence interface for easy coexistence implementation with select Infineon AIROC™
Wi-Fi devices
• MCU subsystem
- 96-MHz Arm® Cortex®-M4 microcontroller unit MCU with floating point unit (FPU)
- Supports Serial Wire Debug (SWD)
- Runs Bluetooth® stack and application
• Memory subsystem
- 384-KB RAM
- 2-MB ROM
• Audio features and interfaces
- 1x I2S with master and slave modes
- 1x PCM
- PDM
- Analog front end for analog microphone
• Clocks
- On chip 32-kHz oscillator
- On chip 128-kHz oscillator
- 32-kHz crystal oscillator
- 24-MHz crystal oscillator
- 32-bit real time clock (RTC)
• Peripherals and communication
- 6x 16-bit PWMs
- Programmable key-scan matrix interface, up to 8x20 key-scanning matrix
- Quadrature decoder
- Watchdog timer
- 1x peripheral UART, 1x UART for programming and HCI
- 1x SPI (master or slave mode)
- 1x I2C master
- One ADC (10-ENoB for DC measurement and 12-ENOB for audio measurement)
- Hardware security engine
• General-purpose input output (GPIO)
- 24 GPIOs
- 2 dedicated pins for analog microphone
- Support 1.7 V to 3.63 V operation
- Four GPIOs support 16 mA and 8 mA source at 3.3 V and 1.8 V respectively
• Operating voltage and low-power support
- Wide operating voltage range - 1.625 V to 3.63 V
- 4 power modes to implement ultra-low power application - managed by real time operating system
- 1 A current in HID-Off mode
• Packages
- 7 mm x 7 mm 60-pin quad flat no-lead (QFN)
• Software support
- ModusToolbox™ software: Features are subject to support in the Bluetooth® SDK
- Check the latest version of the Bluetooth® SDK technical brief for supported features
• Applications
- Bluetooth® Mesh
- Wireless pointing devices (mice)
- Remote controls
- Joysticks
- Home automation
- Point-of-sale input devices
- Blood pressure monitors
- Find-me devices
- Heart-rate monitors
- Proximity sensors
- Thermometers




Similar Part No. - CYW20835

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20819A1KFBG INFINEON-CYW20819A1KFBG Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
CYW20829 INFINEON-CYW20829 Datasheet
1Mb / 72P
AIROC™ Bluetooth® Low Energy 5.4 MCU
Rev. I
More results


Similar Description - CYW20835

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
QN902X NXP-QN902X Datasheet
693Kb / 44P
Ultra low power Bluetooth LE system-on-chip solution
Rev. 2.7-21 November 2018
logo
Infineon Technologies A...
CYBLE-343072-EVAL-M2B INFINEON-CYBLE-343072-EVAL-M2B Datasheet
3Mb / 4P
AIROC Bluetooth LE module evaluation kit
Rev. A 08 / 2022
CYW920820M2EVB-01 INFINEON-CYW920820M2EVB-01 Datasheet
4Mb / 4P
AIROC CYW20820 Bluetooth and Bluetooth® LE system on chip evaluation kit
05 / 2022
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
CY8C63X6 INFINEON-CY8C63X6 Datasheet
2Mb / 108P
PSoC™ 63 MCU with Bluetooth® LE
Rev. R 2023-05-10
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com