Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EISKA Datasheet (PDF) - EnOcean GmbH.

EISKA Datasheet PDF - EnOcean GmbH.
Part # EISKA
Download  EISKA Download
File Size   129.25 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Starter Kit

EISKA Datasheet (PDF)

Go To PDF Page Download Datasheet
EISKA Datasheet PDF - EnOcean GmbH.

Part # EISKA
Download  EISKA Click to download

File Size   129.25 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Starter Kit

EISKA Datasheet (HTML) - EnOcean GmbH.


EISKA Product details

Technical Data

Radio Frequency / Data Rate
868.300 MHz / 125 kBit/
Transmission Power
USB 300: max. +6.7 dBm (radiated) EWSDA: max. +5 dBm (radiated)
EMSIA: max. +5 dBm (radiated)
Transmission Range (for guidance only)
typ. 300 m free field / 20-30 m indoor
EEP Profiles
EWSDA: F6-04-xx (default) EMSIA: D2-14-41 (default)
NFC
EWSDA (switch): configuration & commissioning
EMISA (multi sensor): configuration & commissioning
Encryption
AES128
Power Supply
USB 300: 5V USB port
EWSDA: button push / kinetic energy
EMISA: integrated solar cell
Radio Certifications
CE / RED




Similar Part No. - EISKA

ManufacturerPart #DatasheetDescription
logo
AG Electronica
EIS-10PR AGELECTRONICA-EIS-10PR Datasheet
53Kb / 1P
Caja receptora paso 2.54mm [.100”].
22/JUL/08
EIS-10PV AGELECTRONICA-EIS-10PV Datasheet
404Kb / 2P
CONECTOR TIPO MOLEX MACHO VERTICAL 10 POSICIONES
14/01/2020
EIS-12PR AGELECTRONICA-EIS-12PR Datasheet
349Kb / 2P
CONECTOR TIPO MOLEX HEMBRA 12 POSICIONES
14/01/2020
EIS-12PR AGELECTRONICA-EIS-12PR Datasheet
53Kb / 1P
Caja receptora paso 2.54mm [.100”].
22/JUL/08
EIS-2PH AGELECTRONICA-EIS-2PH Datasheet
230Kb / 2P
POSTE HORIZONTAL 2 POSICIONES
14/01/2020
More results


Similar Description - EISKA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
Starter Kit
logo
Zentrum Mikroelektronik...
ZMD44102SKB ZMD-ZMD44102SKB Datasheet
147Kb / 1P
Starter Kit Bundle
logo
Infineon Technologies A...
B158-H8537-G2-X-7600 INFINEON-B158-H8537-G2-X-7600 Datasheet
22Kb / 1P
SK-TC179x Starter Kit
Version 3.1.
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
STMicroelectronics
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
Motor control starter kit
01-Sep-2011
logo
Texas Instruments
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
Renesas Technology Corp
RX63T64 RENESAS-RX63T64 Datasheet
363Kb / 8P
Renesas Starter Kit Sample
RX210B RENESAS-RX210B Datasheet
363Kb / 8P
Renesas Starter Kit Sample
logo
Linear Integrated Syste...
DC9000 LINEAR-DC9000 Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
logo
List of Unclassifed Man...
32520 ETC2-32520 Datasheet
150Kb / 2P
BlocklyProp Starter Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com