Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1329494 Datasheet (PDF) - PHOENIX CONTACT

1329494 Datasheet PDF - PHOENIX CONTACT
Part # 1329494
Download  1329494 Download
File Size   1553.43 Kbytes
Page   68 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through terminal block - XTV 6 BU

1329494 Datasheet (PDF)

Go To PDF Page Download Datasheet
1329494 Datasheet PDF - PHOENIX CONTACT

Part # 1329494
Download  1329494 Click to download

File Size   1553.43 Kbytes
Page   68 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through terminal block - XTV 6 BU

1329494 Datasheet (HTML) - PHOENIX CONTACT


1329494 Product details

Feed-through terminal block, nom. voltage: 1000 V, nominal current: 41 A, connection method:
Push-X-connection, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting
type: NS 35/7,5, NS 35/15, color: blue

Your advantages
• Fast, powerless conductor connection for all conductor types with the pretensioned contact spring
• A high level of flexibility when inserting conductors enables conductors with or without ferrules to be connected easily
• Clear conductor connection with the lateral connection direction and the clear pusher position
• Easy procurement of information – the QR code on the terminal block provides all important information about the product
• Terminal blocks with Push-X connection are part of the COMPLETE line system




Similar Part No. - 1329494

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1329493 PHOENIX-1329493 Datasheet
90Kb / 1P
XTV 6
1329495 PHOENIX-1329495 Datasheet
91Kb / 1P
XTV 6-PE
1329499 PHOENIX-1329499 Datasheet
88Kb / 1P
XTV 6-TWIN
More results


Similar Description - 1329494

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413094 PHOENIX-1413094 Datasheet
133Kb / 10P
Feed-through terminal block - MBK 3 BU
3005332 PHOENIX-3005332 Datasheet
84Kb / 7P
Feed-through terminal block - MZDB 1.5 BU
3211485 PHOENIX-3211485 Datasheet
195Kb / 16P
Feed-through terminal block - PT 6-TWIN BU
3212947 PHOENIX-3212947 Datasheet
196Kb / 16P
Feed-through terminal block - PT 6-QUATTRO BU
1116735 PHOENIX-1116735 Datasheet
808Kb / 28P
Feed-through terminal block - PTV 6 BU
1116738 PHOENIX-1116738 Datasheet
841Kb / 29P
Feed-through terminal block - PTV 6-TWIN BU
1116740 PHOENIX-1116740 Datasheet
936Kb / 29P
Feed-through terminal block - PTV 6-QUATTRO BU
3038163 PHOENIX-3038163 Datasheet
213Kb / 19P
Feed-through terminal block - STS 6-TWIN BU
09/12/2020
1329506 PHOENIX-1329506 Datasheet
1Mb / 68P
Feed-through terminal block - XTV 6-TWIN BU
Nov 3, 2022
3248039 PHOENIX-3248039 Datasheet
438Kb / 17P
Mini feed-through terminal block - MUT 6 BU
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com