Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3248039 Datasheet (PDF) - PHOENIX CONTACT

3248039 Datasheet PDF - PHOENIX CONTACT
Part # 3248039
Download  3248039 Download
File Size   438.52 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MUT 6 BU

3248039 Datasheet (PDF)

Go To PDF Page Download Datasheet
3248039 Datasheet PDF - PHOENIX CONTACT

Part # 3248039
Download  3248039 Click to download

File Size   438.52 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MUT 6 BU

3248039 Datasheet (HTML) - PHOENIX CONTACT


3248039 Product details

Mini feed-through terminal block, nom. voltage: 500 V, nominal current: 41 A, connection
method: Screw connection, Rated cross section: 6 mm2, cross section: 0.2 mm2 - 10 mm2,
mounting type: NS 15, color: blue




Similar Part No. - 3248039

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3248030 PHOENIX-3248030 Datasheet
76Kb / 6P
Mini feed-through terminal block - MUT 2,5
3248031 PHOENIX-3248031 Datasheet
71Kb / 5P
Mini feed-through terminal block - MUT 2,5 BU
3248032 PHOENIX-3248032 Datasheet
69Kb / 5P
Mini ground terminal block - MUT 2,5-PE
3248035 PHOENIX-3248035 Datasheet
74Kb / 6P
Mini feed-through terminal block - MUT 4
3248036 PHOENIX-3248036 Datasheet
63Kb / 4P
Mini feed-through terminal block - MUT 4 BU
More results


Similar Description - 3248039

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1401093 PHOENIX-1401093 Datasheet
76Kb / 4P
Mini feed-through terminal block - MBK BU
3248030 PHOENIX-3248030 Datasheet
76Kb / 6P
Mini feed-through terminal block - MUT 2,5
3248031 PHOENIX-3248031 Datasheet
71Kb / 5P
Mini feed-through terminal block - MUT 2,5 BU
3248035 PHOENIX-3248035 Datasheet
74Kb / 6P
Mini feed-through terminal block - MUT 4
3248036 PHOENIX-3248036 Datasheet
63Kb / 4P
Mini feed-through terminal block - MUT 4 BU
1116735 PHOENIX-1116735 Datasheet
808Kb / 28P
Feed-through terminal block - PTV 6 BU
1329494 PHOENIX-1329494 Datasheet
1Mb / 68P
Feed-through terminal block - XTV 6 BU
Nov 3, 2022
3248038 PHOENIX-3248038 Datasheet
436Kb / 17P
Mini feed-through terminal block - MUT 6
Nov 16, 2022
3248025 PHOENIX-3248025 Datasheet
465Kb / 17P
Mini feed-through terminal block - MUT 1,5
Nov 16, 2022
3248026 PHOENIX-3248026 Datasheet
467Kb / 17P
Mini feed-through terminal block - MUT 1,5 BU
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com