Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC514256J Datasheet (PDF) - Toshiba Semiconductor

TC514256J Datasheet PDF - Toshiba Semiconductor
Part # TC514256J
Download  TC514256J Download
File Size   593.69 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORDS X 4 BIT DYNAMIC RAM

TC514256J Datasheet (PDF)

Go To PDF Page Download Datasheet
TC514256J Datasheet PDF - Toshiba Semiconductor

Part # TC514256J
Download  TC514256J Click to download

File Size   593.69 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORDS X 4 BIT DYNAMIC RAM

TC514256J Datasheet (HTML) - Toshiba Semiconductor


TC514256J Product details

DESCRIPTION

The TCs142s6P/J/Z is the new generation dynamic RAM organized 262,144 words by 4
bit. The TCs142s6P/J/Z utilizes TOSHIBA's CMOS Silicon gate process technology as well
as advanced circuit techniques to provide wide operating margins, both internally and to
the system user. Multiplexed address inputs permit the TCs142s6P/J/Z to be packaged in a
standard 20 pin plastic DIP and 26/20 pin plastic SOJ and 20/19 pin plastic ZIP. The
package size provides high system bit densities and is compatible with widely available
automated testing and insertion equipment. System oriented features include single power
supply of 5V±10% tolerance, direct interfacing capability with high performance logic
families such as Schottky TTL.

FEATURES
• 262,144 words by 4 bit organization
• Fast access time and cycle time
TC5l42s6P/J/Z-Bs-lO-12
tRAC R:AS Access Time B5ns lOOns l20ns
tAA Column Address 45n9 SOns 60ns Access Time
tCAC CAS Access Time 30ns 30ns 35ns
tRC Cycle Time l65ns 190ns 220ns
tpc Fast Page Mode SOns ssns 70ns Cycle Time
• Single power supply of sV±lO% with a builtin VBB generator
• Low Power
4l3mW MAX. Operating(TCs14256P/J/Z-Bs)
3sBmW MAX. Operating(TCs142s6P/J/Z-lO)
303mW MAX. Operating(TCs142s6P/J/Z-12)
s.smW MAX. Standby
• Output unlatched at cycle end allows
two-dimensional chip selection
• Read-Modify-Write, CAS before RAS
refresh, RAS-only refresh, Hidden
refresh, and Fast P~ge Mode capability
• All inputs and outputs TTL compatible
• 512 refresh cycles/Bms
• Package Plastic DIP: TCs142s6P
Plastic SOJ: TCs14256J
Plastic ZIP: TCs14256Z




Similar Part No. - TC514256J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC514256AJ TOSHIBA-TC514256AJ Datasheet
775Kb / 17P
262,144 WORD x4 BIT DYNAMIC RAM
TC514256AJ-10 TOSHIBA-TC514256AJ-10 Datasheet
775Kb / 17P
262,144 WORD x4 BIT DYNAMIC RAM
TC514256AJ-70 TOSHIBA-TC514256AJ-70 Datasheet
775Kb / 17P
262,144 WORD x4 BIT DYNAMIC RAM
TC514256AJ-80 TOSHIBA-TC514256AJ-80 Datasheet
775Kb / 17P
262,144 WORD x4 BIT DYNAMIC RAM
TC514256AP TOSHIBA-TC514256AP Datasheet
775Kb / 17P
262,144 WORD x4 BIT DYNAMIC RAM
More results


Similar Description - TC514256J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB41256 SIEMENS-HYB41256 Datasheet
381Kb / 15P
262,144 BIT DYNAMIC RAM
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
OKI electronic componet...
MSM41256A OKI-MSM41256A Datasheet
699Kb / 13P
262,144-WORD x 1-BIT DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4256 LG-GM71C4256 Datasheet
475Kb / 17P
262,144 WORD x 4 BIT CMOS DYNAMIC RAM
GM71C4256A LG-GM71C4256A Datasheet
1,021Kb / 18P
262,144 WORD x 4 BIT CMOS DYNAMIC RAM
logo
OKI electronic componet...
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
262,144-WORD X 1-BIT DYNAMIC RAM
logo
Hynix Semiconductor
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Hitachi Semiconductor
HM514170D HITACHI-HM514170D Datasheet
271Kb / 33P
262,144-word x 16-bit Dynamic RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com