Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO3150A Datasheet (PDF) - Vishay Siliconix

VO3150A Datasheet PDF - Vishay Siliconix
Part # VO3150A
Download  VO3150A Download
File Size   1021.08 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.5 A Output Current IGBT and MOSFET Driver

VO3150A Datasheet (PDF)

Go To PDF Page Download Datasheet
VO3150A Datasheet PDF - Vishay Siliconix

Part # VO3150A
Download  VO3150A Click to download

File Size   1021.08 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.5 A Output Current IGBT and MOSFET Driver

VO3150A Datasheet (HTML) - Vishay Siliconix


VO3150A Product details

DESCRIPTION
The VO3150A consists of a LED optically coupled to an
integrated circuit with a power output stage. This
optocoupler is ideally suited for driving power IGBTs and
MOSFETs used in motor control inverter applications. The
high operating voltage range of the output stage provides
the drive voltages required by gate controlled devices. The
voltage and current supplied by this optocoupler makes it
ideally suited for directly driving IGBTs with ratings up to 800
V/20 A. For IGBTs with higher ratings, the VO3150A can be
used to drive a discrete power stage which drives the IGBT
gate.

FEATURES
• 0.5 A minimum peak output current
• 25 kV/μs minimum common mode rejection
(CMR) at VCM = 1500 V
• ICC = 2.5 mA maximum supply current
• Under voltage lock-out (UVLO) with
hysteresis
• Wide operating VCC range: 15 V to 32 V
• 0.4 μs maximum propagation delay
• Industrial temperature range: - 40 °C to 110 °C
• 0.5 V maximum low level output voltage (VOL)
• Compliant to RoHS directive 2002/95/EC

APPLICATIONS
• Isolated IGBT/MOSFET gate driver
• AC and brushless DC motor drives
• Induction stove top
• Industrial inverters
• Switch mode power supplies (SMPS)
• Uninterruptible power supplies (UPS)

AGENCY APPROVALS
• UL - file no. E52744 system code H, double protection
• cUL - file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-5 (VDE0884) available with option 1




Similar Part No. - VO3150A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3150A VISHAY-VO3150A Datasheet
1Mb / 10P
0.5 A Output Current IGBT and MOSFET Driver
14-Jan-10
VO3150A-X007T VISHAY-VO3150A-X007T Datasheet
1Mb / 10P
0.5 A Output Current IGBT and MOSFET Driver
14-Jan-10
More results


Similar Description - VO3150A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Vishay Siliconix
VO3120 VISHAY-VO3120 Datasheet
180Kb / 10P
2.5 A Output Current IGBT and MOSFET Driver
15-Mar-11
VO3150A VISHAY-VO3150A Datasheet
1Mb / 10P
0.5 A Output Current IGBT and MOSFET Driver
14-Jan-10
VOL3120 VISHAY-VOL3120 Datasheet
155Kb / 10P
Low Profile, 2.5 A Output Current IGBT and MOSFET Driver
08-Jan-16
VO3120 VISHAY-VO3120_12 Datasheet
187Kb / 10P
2.5 A Output Current IGBT and MOSFET Driver
19-Oct-12
VOD3120AB VISHAY-VOD3120AB Datasheet
208Kb / 13P
2.5 A Output Current IGBT and MOSFET Driver
28-Jan-2019
VO3120 VISHAY-VO3120_V01 Datasheet
184Kb / 10P
2.5 A Output Current IGBT and MOSFET Driver
19-Oct-12
VOD3120AG VISHAY-VOD3120AG_V01 Datasheet
223Kb / 13P
2.5 A Output Current IGBT and MOSFET DriverS
28-Jul-2022
VOL3120 VISHAY-VOL3120_V01 Datasheet
173Kb / 10P
Low Profile, 2.5 A Output Current IGBT and MOSFET Driver
10-Aug-2022
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
Widebody 2.5 A IGBT and MOSFET Driver
26-Sep-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com