Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC518128CPL Datasheet (PDF) - Toshiba Semiconductor

TC518128CPL Datasheet PDF - Toshiba Semiconductor
Part # TC518128CPL
Download  TC518128CPL Download
File Size   293.83 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM

TC518128CPL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC518128CPL Datasheet PDF - Toshiba Semiconductor

Part # TC518128CPL
Download  TC518128CPL Click to download

File Size   293.83 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM

TC518128CPL Datasheet (HTML) - Toshiba Semiconductor


TC518128CPL Product details

DESCRIPTION
The TC518128CPL/CSPL/CFL/CFWL/CFTL is a 1,048,578-bit CMOS pseudo static random access memory
(PSRAM) organized as 131,072 words by 8 bits. It feature a one-transistor dynamic memory cell using CMOS
peripheral circuitry to provide large capacity, high speed and low power. It uses a single 5 V ± 10% power
supply. A RFSH input selects either auto or self refresh operation. This device family also features SRAM-like
write functions whereby data is written to the memory cell rising edge of R/W signal, for easy interfacing to
microprocessors. The TC518128CPL/CSPL/CFL/CFWL/CFTL meets the JEDEC CMOS SRAM pin-
compatibility standard and is available in molded 32-pin standard 0.6-inch and 0.3-inch dual-inline plastic
packages (DIP) and 0.45-inch and 0.525-inch small-outline plastic packages (SOP), and thin small-outline
plastic package (TSOP).

FEATURES
Organized as 131,072 words by 8 bits
(1,048,576 bits).
Fast access time and low power dissipation.
Single power supply voltage of 5 V ± 10%.
TC518128C Family
tCEA CE Access Time
TOEA OE Access Time
tec Cycle Time
Power Dissipation
Self Refresh Current
-70
70 ns
25 ns
115 ns
385 mW
-80
80 ns
30 ns
130 ns
-10
100 ns
40 ns
160 ns
275 mW
330 mW
100A (L version)
50 μA (LL version)

Internal counter can be used for auto and self refresh
operations.
• Internal timer can be used for self refresh operation.
• Auto refresh power down function.
• 512 refresh cycles per 8 ms.
• All inputs and outputs are TTL compatible.
● Pin compatible with 1M SRAM (JEDEC).
• Logic compatible with SRAM R/W pin.
Packages:
DIP32-P-600-2.54 (CPL)
SOP32-P-450-1.27 (CFL)
DIP32-P-300-2.54 (CSPL)
SOP32-P-525-1.27 (CFWL)
TSOP I 32-P-0820-0.50 (CFTL)
(Weight: 4.45 g typ)
(Weight: 2.34 g typ)
(Weight: 0.86 g typ)
(Weight: 1.04 g typ)
(Weight: 0.32 g typ)




Similar Part No. - TC518128CPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AF TOSHIBA-TC518128AF Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128AF-10 TOSHIBA-TC518128AF-10 Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128AF-12 TOSHIBA-TC518128AF-12 Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128AF-80 TOSHIBA-TC518128AF-80 Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128AFL TOSHIBA-TC518128AFL Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC518128CPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com