Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC51V8512AF Datasheet (PDF) - Toshiba Semiconductor

TC51V8512AF Datasheet PDF - Toshiba Semiconductor
Part # TC51V8512AF
Download  TC51V8512AF Download
File Size   444.73 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC51V8512AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TC51V8512AF Datasheet PDF - Toshiba Semiconductor

Part # TC51V8512AF
Download  TC51V8512AF Click to download

File Size   444.73 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC51V8512AF Datasheet (HTML) - Toshiba Semiconductor


TC51V8512AF Product details

Description
The TC51V8512AF is a 4M bit high speed CMOS pseudo static RAM organized as 524,288 words by 8 bits. The TC51V8512AF
utilizes a one transistor dynamic memory cell with CMOS peripheral circuitry to provide high capacity, high speed and low power
storage. The TC51V8512AF operates from a single 3.0V power supply. Refreshing is supported by a refresh (OE/RFSH) input which
enables two types of refreshing - auto refresh and self refresh. The TC51V8512AF features a static RAM-like interface with a write
cycle in which the input data is written into the memory cell at the rising edge of R/W thus simplifying the microprocessor interface.
The TC51V8512AF is available in a 32-pin small outline plastic flat package, and a thin small outline package (forward type,
reverse type).

Features
• Organization: 524,288 words x 8 bits
• Low voltage function: 3.0V±10%
Data retention supply voltage: 2.0V - 3.3V
Fast access time
ICEA CE Access Time
TOEA OE Access Time
tac Cycle Time
Power Dissipation
Self Refresh Current 3.0V
TC51V8512AF Family
-15
150ns
80ns
230ns
66mW
-12
120ns
60ns
190ns
99mW
40μA
Auto refresh is supported by an internal refresh address
counter
Self refresh is supported by an internal timer
Inputs and outputs TTL compatible
Refresh: 2048 refresh cycles/32ms
Package
- TC51V8512AF: SOP32-P-525
- TC51V8512AFT: TSOP32-P-400
- TC518V512ATR: TSOP32-P-400A




Similar Part No. - TC51V8512AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC51V ETC1-TC51V Datasheet
980Kb / 10P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC51V TAK_CHEONG-TC51V Datasheet
171Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Toshiba Semiconductor
TC51V4260DFTS TOSHIBA-TC51V4260DFTS Datasheet
426Kb / 7P
262,144 WORD X 16 BIT DYNAMIC RAM
TC51V4260DFTS-60 TOSHIBA-TC51V4260DFTS-60 Datasheet
426Kb / 7P
262,144 WORD X 16 BIT DYNAMIC RAM
TC51V4260DFTS-70 TOSHIBA-TC51V4260DFTS-70 Datasheet
426Kb / 7P
262,144 WORD X 16 BIT DYNAMIC RAM
More results


Similar Description - TC51V8512AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70DR TOSHIBA-TC518512PL-70DR Datasheet
320Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70LT TOSHIBA-TC518512PL-70LT Datasheet
300Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL TOSHIBA-TC518512PL Datasheet
441Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com