Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC5561P Datasheet (PDF) - Toshiba Semiconductor

TC5561P Datasheet PDF - Toshiba Semiconductor
Part # TC5561P
Download  TC5561P Download
File Size   616.69 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD X 1 BIT CMOS STATIC RAM

TC5561P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5561P Datasheet PDF - Toshiba Semiconductor

Part # TC5561P
Download  TC5561P Click to download

File Size   616.69 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD X 1 BIT CMOS STATIC RAM

TC5561P Datasheet (HTML) - Toshiba Semiconductor


TC5561P Product details

DESCRIPTION
The TC5561P/J is a 65,536 bit high speed static
random access memory organized as 65,536 words
by 1 bit using CMOS technology, and Operated from
a single 5-volt supply.
Toshiba's high performance device technology
provides both high speed and low power features
with a maximum access time of 45/55/70ns and
maximum operating current of 100mA at minimum
cycle time.
The TC5561P/J also features an automatic stand-
by mode. When deselected by Chip Enable (CE), the
operating current is reduced from 100mA to 100μA.
The TC5561P/J is suitable for use in main memory
of high speed computer and pattern memory, where
high speed/low power/high density are required.
The TC5561P is moulded in a 22 pin standard
plastic SOJ with 300 ml width for high density
surface assembly.
The TC5561P/J is fabricated with ion implanted
CMOS silicon gate MOS technology for high per-
formance and high reliability.

FEATURES
Fast access time: TC5561P/J-45
TC5561P/J-55
TC5561P/J-70
Low power dissipation: Operation 100mA(MAX.)
Standby 100μA(MAX.)
5V single power supply
45ms (MAX.)
55ns (MAX.)
70ns (MAX.)
Fully static operation
Directly TTL compatible: All Input and Output
1/0 separate
Package: 22 pin standard plastic package.
300mil width: TC5561P
24 pin plastic 300 mil SOJ: TC5561J




Similar Part No. - TC5561P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5562J TOSHIBA-TC5562J Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5562J-35 TOSHIBA-TC5562J-35 Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5562J-45 TOSHIBA-TC5562J-45 Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5562J-55 TOSHIBA-TC5562J-55 Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5562P TOSHIBA-TC5562P Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
More results


Similar Description - TC5561P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V1664FT-12 TOSHIBA-TC55V1664FT-12 Datasheet
429Kb / 9P
65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V1664J-12 TOSHIBA-TC55V1664J-12 Datasheet
426Kb / 9P
65,536-WORD BY 16-BIT CMOS STATIC RAM
TC51864PL TOSHIBA-TC51864PL Datasheet
484Kb / 9P
65,536 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551664J TOSHIBA-TC551664J Datasheet
394Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC5562P TOSHIBA-TC5562P Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V1664J TOSHIBA-TC55V1664J Datasheet
212Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
65,536 WORD x 18 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com