Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC5562J Datasheet (PDF) - Toshiba Semiconductor

TC5562J Datasheet PDF - Toshiba Semiconductor
Part # TC5562J
Download  TC5562J Download
File Size   597.49 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD X 1 BIT CMOS STATIC RAM

TC5562J Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5562J Datasheet PDF - Toshiba Semiconductor

Part # TC5562J
Download  TC5562J Click to download

File Size   597.49 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD X 1 BIT CMOS STATIC RAM

TC5562J Datasheet (HTML) - Toshiba Semiconductor


TC5562J Product details

DESCRIPTION
The TC5562P/J is a 65,536 bit high speed static random access memory organized
as 65,536 words by 1 bit using CMOS technology, and operated from a single 5-volt
supply. Toshiba's high performance device technology provides both high speed and
low power features with a maximum access time of 35ns/45ns/55ns and maximum operating
current of 100mA at minimum cycle time. The TC5562P/J also features and automatic
standby mode. When deselected by chip Enable (CE), the operating current is reduced
from 100mA to 20mA. The TC5562P/J is suitable for use in main memory of high speed
computer and pattern memory, where high speed/high density are required. The TC5562P
is moulded in a 22 pin plastic DIP with 300 mil width for high density surface as-
sembly and the TC5562J is moulded in a 24 pin plastic SOJ with 300 mil width for high
density surface assembly. The TC5562P/J is fabricated with fon implanted CMOS silicon
gate MOS technology for high performance and high reliability.

FEATURES
Fast access time: TC5562P/J-35
TC5562P/J-45
TC5562P/J-55
Low power dissipation:
Operation
Standby
35ns (MAX.)
45ns (MAX.)
55ns (MAX.)
100mA (MAX.)
20mA (MAX.)
5V single power supply
- Fully static operation
Directly TTL compatible: All Input
and Output
.
I/O separate
Package: 22 Pin Plastic 300 mil DIP
: TC5562P
24 Pin Plastic 300 mil SOJ
: TC5562J




Similar Part No. - TC5562J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5561J TOSHIBA-TC5561J Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-45 TOSHIBA-TC5561J-45 Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-55 TOSHIBA-TC5561J-55 Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-70 TOSHIBA-TC5561J-70 Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
More results


Similar Description - TC5562J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V1664FT-12 TOSHIBA-TC55V1664FT-12 Datasheet
429Kb / 9P
65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V1664J-12 TOSHIBA-TC55V1664J-12 Datasheet
426Kb / 9P
65,536-WORD BY 16-BIT CMOS STATIC RAM
TC51864PL TOSHIBA-TC51864PL Datasheet
484Kb / 9P
65,536 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551664J TOSHIBA-TC551664J Datasheet
394Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V1664J TOSHIBA-TC55V1664J Datasheet
212Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
65,536 WORD x 18 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com