Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC5589J Datasheet (PDF) - Toshiba Semiconductor

TC5589J Datasheet PDF - Toshiba Semiconductor
Part # TC5589J
Download  TC5589J Download
File Size   398.92 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8,192 WORD x 9 BIT CMOS STATIC RAM

TC5589J Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5589J Datasheet PDF - Toshiba Semiconductor

Part # TC5589J
Download  TC5589J Click to download

File Size   398.92 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8,192 WORD x 9 BIT CMOS STATIC RAM

TC5589J Datasheet (HTML) - Toshiba Semiconductor


TC5589J Product details

Description
The TC5589P/J is a 73,728 bit high speed CMOS static random access memory organized as 8,192 words by 9 bits and operated
from a single 5V supply. Toshiba's advanced CMOS technology and circuit design enable high speed operation.
The TC5589P/J features low power dissipation when the device is deselected using chip enable (CE1, CE2) and has an output
enable input (OE) for fast memory access. Also, the device power between memory accesses is reduced by an automatic power
down circuit.
The TC5589P/J is suitable for use in high speed applications such as cache memory and high speed storage. All inputs and
outputs are TTL compatible.
The TC5589P/J is available in a 300mil width, 28-pin DIP and SOJ suitable for high density surface assembly.

Features
• Fast access time
- TC5589P/J-15
- TC5589P/J-20
- TC5589P/J-25
- TC5589P/J-35
15ns (max.)
20ns (max.)
25ns (max.)
35ns (max.)
• Low power dissipation
- Operation:
- TC5589P/J-15
- TC5589P/J-20
- TC5589P/J-25
- TC5589P/J-35
- Standby:
135mA (max.)
115mA (max.)
115mA (max.)
115mA (max.)
1mA (max.)
Single 5V power supply: 5V±10%
• Fully static operation
• Inputs and outputs TTL compatible
Output buffer control: OE
• Package:
- TC5589P: DIP28-P-300B
- TC5589J: SOJ28-P-300A




Similar Part No. - TC5589J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128AJ-15 TOSHIBA-TC558128AJ-15 Datasheet
337Kb / 8P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128AJ-20 TOSHIBA-TC558128AJ-20 Datasheet
337Kb / 8P
131,072-WORD BY 8-BIT CMOS STATIC RAM
logo
List of Unclassifed Man...
TC558128BFT ETC2-TC558128BFT Datasheet
704Kb / 17P
STK503 User Guide
logo
ATMEL Corporation
TC558128BFT ATMEL-TC558128BFT Datasheet
704Kb / 17P
Supports the ATmega2560, ATmega1280 and ATmega640
More results


Similar Description - TC5589J

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK591000TM SONY-CXK591000TM Datasheet
271Kb / 13P
131,072-word X 9-bit High Speed CMOS Static RAM
logo
Toshiba Semiconductor
TC5564APL-15 TOSHIBA-TC5564APL-15 Datasheet
98Kb / 1P
8,192 WORD X 8 BIT CMOS STATIC RAM
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
8,192 X 8 - BIT STATIC CMOS RAM
logo
Sony Corporation
CXK5864BP SONY-CXK5864BP Datasheet
454Kb / 10P
8,192-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55329P TOSHIBA-TC55329P Datasheet
307Kb / 8P
32,768 WORD x 9 BIT CMOS STATIC RAM
TC55329AP TOSHIBA-TC55329AP Datasheet
399Kb / 7P
32,768 WORD x 9 BIT CMOS STATIC RAM
TC5563APL-10 TOSHIBA-TC5563APL-10 Datasheet
583Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5563APL-10L TOSHIBA-TC5563APL-10L Datasheet
956Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5588P TOSHIBA-TC5588P Datasheet
411Kb / 7P
8,192 WORD x 8 BIT CMOS STATIC RAM
TC55B88P TOSHIBA-TC55B88P Datasheet
392Kb / 7P
8,192 WORD x 8 BIT BICMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com