Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55B88P Datasheet (PDF) - Toshiba Semiconductor

TC55B88P Datasheet PDF - Toshiba Semiconductor
Part # TC55B88P
Download  TC55B88P Download
File Size   392.59 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8,192 WORD x 8 BIT BICMOS STATIC RAM

TC55B88P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55B88P Datasheet PDF - Toshiba Semiconductor

Part # TC55B88P
Download  TC55B88P Click to download

File Size   392.59 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8,192 WORD x 8 BIT BICMOS STATIC RAM

TC55B88P Datasheet (HTML) - Toshiba Semiconductor


TC55B88P Product details

Description
The TC55B88P/J is a 65,536 bit high speed BICMOS static random access memory organized as 8,192 words by 8 bits and
operated from a single 5V supply. Toshiba's BICMOS technology and advanced circuit design enable high speed operation.
The TC55B88P/J features low power dissipation when the device is deselected using chip enable (CE1, CE2) and has an out-
put enable input (OE) for fast memory access.
The TC55B88P/J is suitable for use in high speed applications such as cache memory and high speed storage. All inputs and
outputs are TTL compatible.
The TC55B88P/J is available in a 300mil width, 28-pin DIP and SOJ suitable for high density surface assembly.

Features
• Fast access time
- TC55B88P/J-10
- TC55B88P/J-12
Low power dissipation
10ns (max.)
12ns (max.)
155mA (max.)
10mA (max.)
5V±5% (-10).
5V±10% (-12)
- Operation:
- Standby:
Single 5V power supply:
• Fully static operation
• Inputs and outputs TTL compatible
Output buffer control: OE
Package:
TC55888P: DIP28-P-300B
TC55B88J: SOJ28-P-300A




Similar Part No. - TC55B88P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55B8128J TOSHIBA-TC55B8128J Datasheet
338Kb / 6P
131,072 WORD x 8 BIT BICMOS STATIC RAM
TC55B8128J-12 TOSHIBA-TC55B8128J-12 Datasheet
338Kb / 6P
131,072 WORD x 8 BIT BICMOS STATIC RAM
TC55B8128J-15 TOSHIBA-TC55B8128J-15 Datasheet
338Kb / 6P
131,072 WORD x 8 BIT BICMOS STATIC RAM
TC55B8128J-20 TOSHIBA-TC55B8128J-20 Datasheet
338Kb / 6P
131,072 WORD x 8 BIT BICMOS STATIC RAM
TC55B8128P TOSHIBA-TC55B8128P Datasheet
338Kb / 6P
131,072 WORD x 8 BIT BICMOS STATIC RAM
More results


Similar Description - TC55B88P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5564APL-15 TOSHIBA-TC5564APL-15 Datasheet
98Kb / 1P
8,192 WORD X 8 BIT CMOS STATIC RAM
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
8,192 X 8 - BIT STATIC CMOS RAM
logo
List of Unclassifed Man...
GM76C88 ETC-GM76C88 Datasheet
628Kb / 11P
8,192 X 8 BIT STATIC RAM
logo
Sony Corporation
CXK5864BP SONY-CXK5864BP Datasheet
454Kb / 10P
8,192-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
logo
Toshiba Semiconductor
TC5563APL-10 TOSHIBA-TC5563APL-10 Datasheet
583Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5563APL-10L TOSHIBA-TC5563APL-10L Datasheet
956Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5588P TOSHIBA-TC5588P Datasheet
411Kb / 7P
8,192 WORD x 8 BIT CMOS STATIC RAM
TC5589P TOSHIBA-TC5589P Datasheet
398Kb / 7P
8,192 WORD x 9 BIT CMOS STATIC RAM
TC55B328P TOSHIBA-TC55B328P Datasheet
330Kb / 7P
32,768 WORD x 8 BIT BICMOS STATIC RAM
TC55B8128P TOSHIBA-TC55B8128P Datasheet
338Kb / 6P
131,072 WORD x 8 BIT BICMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com