Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55B464P Datasheet (PDF) - Toshiba Semiconductor

TC55B464P Datasheet PDF - Toshiba Semiconductor
Part # TC55B464P
Download  TC55B464P Download
File Size   317.15 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD x 4 BIT BICMOS STATIC RAM

TC55B464P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55B464P Datasheet PDF - Toshiba Semiconductor

Part # TC55B464P
Download  TC55B464P Click to download

File Size   317.15 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD x 4 BIT BICMOS STATIC RAM

TC55B464P Datasheet (HTML) - Toshiba Semiconductor


TC55B464P Product details

Description
The TC55B464P/J is a 262,144 bit high speed BiCMOS static random access memory organized as 65,536 words by 4 bits and
operated from a single 5V supply. Toshiba's BiCMOS technology and advanced circuit design enable high speed operation.
The TC55B464P/J features low power dissipation when the device is deselected using chip enable (CE).
The TC55B464P/J is suitable for use in high speed applications such as cache memory and high speed storage. All inputs and
outputs are TTL compatible.
The TC55B464P/J is available in a 300mil width, 24-pin DIP and SOJ suitable for high density surface assembly.

Features
• Fast access time
TC55B464P/J-10
- TC55B464P/J-12
• Low power dissipation
Operation:
TC55B464P/J-10
- TC55B464P/J-12
- Standby:
10ns (max.)
12ns (max.)
140mA (max.)
140mA (max.)
15mA (max.)
Single 5V power supply: 5V±10%
• Fully static operation
Inputs and outputs TTL compatible
• Package:
TC55B464P: DIP24-P-300B
TC55B464J: SOJ24-P-300A




Similar Part No. - TC55B464P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55B465J TOSHIBA-TC55B465J Datasheet
333Kb / 7P
65,536 WORD x 4 BIT BICMOS STATIC RAM
TC55B465J-10 TOSHIBA-TC55B465J-10 Datasheet
333Kb / 7P
65,536 WORD x 4 BIT BICMOS STATIC RAM
TC55B465J-12 TOSHIBA-TC55B465J-12 Datasheet
333Kb / 7P
65,536 WORD x 4 BIT BICMOS STATIC RAM
TC55B465P TOSHIBA-TC55B465P Datasheet
333Kb / 7P
65,536 WORD x 4 BIT BICMOS STATIC RAM
TC55B465P-10 TOSHIBA-TC55B465P-10 Datasheet
333Kb / 7P
65,536 WORD x 4 BIT BICMOS STATIC RAM
More results


Similar Description - TC55B464P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551664J TOSHIBA-TC551664J Datasheet
394Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5562P TOSHIBA-TC5562P Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC55B4256J-12 TOSHIBA-TC55B4256J-12 Datasheet
297Kb / 6P
262,144 WORD x 4 BIT BICMOS STATIC RAM
TC55B4257J-12 TOSHIBA-TC55B4257J-12 Datasheet
314Kb / 6P
262,144 WORD x 4 BIT BICMOS STATIC RAM
TC55B465P TOSHIBA-TC55B465P Datasheet
333Kb / 7P
65,536 WORD x 4 BIT BICMOS STATIC RAM
TC55V1664J TOSHIBA-TC55V1664J Datasheet
212Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
65,536 WORD x 18 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com