Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1845E-100 Datasheet (PDF) - Dallas Semiconductor

DS1845E-100 Datasheet PDF - Dallas Semiconductor
Part # DS1845E-100
Download  DS1845E-100 Download
File Size   105.84 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual NV Potentiometer and Memory

DS1845E-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1845E-100 Datasheet PDF - Dallas Semiconductor

Part # DS1845E-100
Download  DS1845E-100 Click to download

File Size   105.84 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual NV Potentiometer and Memory

DS1845E-100 Datasheet (HTML) - Dallas Semiconductor


DS1845E-100 Product details

DESCRIPTION
The DS1845 Dual NV Potentiometer and Memory consists of one=100-position linear taper potentiometer, one=256-position linear taper potentiometer, 256 bytes of EEPROM memory, and a 2-wire interface. The device provides an ideal method for setting bias voltages and currents in control applications using a minimum of circuitry. The EEPROM memory allows a user to store configuration or calibration data for a specific system or device as well as provide control of the potentiometer wiper settings. Any type of user information may reside in the first 248 bytes of this memory.

FEATURES
■ Two linear taper potentiometers
    − DS1845-010 one 10k, 100 position & one 10k, 256 position
    − DS1845-050 one 10k, 100 position & one 50k, 256 postition
    − DS1845-100 one 10k, 100 position & one 100k, 256 position
■ 256 bytes of EEPROM memory
■ Access to data and potentiometer control via a 2-wire interface
■ External Write Enable pin to protect data and potentiometer settings
■ Nonvolatile wiper storage in 2 bytes of address space
■ Operates from 3V or 5V supplies
■ Packaging: Flip Chip Package, 16-ball STPBGA, 14-pin TSSOP
■ Industrial operating temperature: -40ºC to +85ºC
■ Programming temperature: 0ºC to +70ºC




Similar Part No. - DS1845E-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
Dual NV Potentiometer and Memory
011006
More results


Similar Description - DS1845E-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
NV Trimmer Potentiometer
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
NV Tri-Potentiometer, Memory, and MicroMonitor
042902
logo
Dallas Semiconductor
DS1855 DALLAS-DS1855 Datasheet
252Kb / 20P
Dual Nonvolatile Digital Potentiometer and Secure Memory
logo
Maxim Integrated Produc...
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
NV Trimmer Potentiometer
043002
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
Dual NV Potentiometer and Memory
011006
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com