Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66311P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66311P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66311P
Download  M66311P Download
File Size   213.54 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?

M66311P Datasheet (PDF)

Go To PDF Page Download Datasheet
M66311P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66311P
Download  M66311P Click to download

File Size   213.54 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?

M66311P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66311P Product details

Description
M66311P/FP is a LED array driver having a 16 bit serial-input and parallel output shiftregister function with direct coupled reset input and output latch function.
This product guarantees the output electric current of 24 mA which is sufficient for anode common LED drive, capable of flowing 16 bits continuously at the same time. Parallel output is open drain output.
In addition, as this product has been designed in complete CMOS, power consumption can be greatly reduced when compared with conventional BIPOLAR or Bi-CMOS products.
Furthermore, pin lay–out ensures the realization of an easy printed circuit.

Features
• Anode common LED drive
• High output current all parallel output IOL = 24 mA simultaneous lighting available
• Low power dissipation: 100 µW/package (max)
   (VCC = 5 V, Ta = 25°C, quiescent state)
• High noise margin schmitt input circuit provides responsiveness to a long line length.
• Equipped with direct-coupled reset
• Open drain output
   (except serial data output)
• Wide operating temperature range: Ta = −40 to +85°C
• Pin lay-out facilitates printed circuit wiring. (This lay-out facilitates cascade connection and LED connection.)

Application
  LED array drive of BUTTON TELEPHONE
  LED array drive of ERASER of a PPC copier
  Other various LED modules

 




Similar Part No. - M66311P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
16-Bit LED Driver with Shift Register and Latch
More results


Similar Description - M66311P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
M66503ASP MITSUBISHI-M66503ASP Datasheet
114Kb / 8P
16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
logo
Marktech Corporate
TB62708N MARKTECH-TB62708N Datasheet
305Kb / 9P
16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
32-Bit LED Driver with Shift Register and Latch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com