Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66313FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66313FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66313FP
Download  M66313FP Download
File Size   215.95 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?

M66313FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66313FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66313FP
Download  M66313FP Click to download

File Size   215.95 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?

M66313FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66313FP Product details

Description
The M66313FP is a semiconductor integrated circuit for LED array driver with 32-bit serial-input, parallel-output shift register, equipped with direct set input and output latches.

Features
• High output current.
    All parallel output IOL = +24 mA, LEDs can be turned on simultaneously.
• Low power dissipation : 200 µW/package (max)
    (VCC = 5 V, Ta = 25°C, quiescent state)
• High noise margin
    Employment of Schmitt–trigger circuit on all inputs
    allows application with long wiring.
• Direct set input (SD)
• Open-drain output (Q1~Q32)
• Serial data output for cascading (SQ32)
• Wide operating temperature range (Ta = −40 to +85°C)
• Pin configuration for easy layout on PCB.
    (Pin configuration allows easy cascade connection or LED connection)

Application
    LED array drive for eraser unit of a copying machine
    LED array drive of a button telephone set
    Various LED modules




Similar Part No. - M66313FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
32-Bit LED Driver with Shift Register and Latch
More results


Similar Description - M66313FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Panasonic Semiconductor
DN8648FBP PANASONIC-DN8648FBP Datasheet
45Kb / 4P
32-bit Shift Register Latch Driver IC
logo
Sanyo Semicon Device
LC7935AN SANYO-LC7935AN Datasheet
91Kb / 5P
General-Purpose 32-Bit Shift Register Latch Driver
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
32-Bit LED Driver with Shift Register and Latch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com