Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APAX-5046 Datasheet (PDF) - Advantech Co., Ltd.

APAX-5046 Datasheet PDF - Advantech Co., Ltd.
Part # APAX-5046_V01
Download  APAX-5046 Download
File Size   317.5 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 24-ch Digital Output Module

APAX-5046 Datasheet (PDF)

Go To PDF Page Download Datasheet
APAX-5046 Datasheet PDF - Advantech Co., Ltd.

Part # APAX-5046_V01
Download  APAX-5046 Click to download

File Size   317.5 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 24-ch Digital Output Module

APAX-5046 Datasheet (HTML) - Advantech Co., Ltd.


APAX-5046 Product details

General
ƒƒ Certification CE, FCC class A
ƒƒ Dimensions (W x H x D) 30 x 139 x 100 mm
ƒƒ Enclosure ABS+PC
ƒƒ Weight 165 g
ƒƒ Power Consumption 2.5 W @ 24 VDC (typical)
ƒƒ Status Display LED per channel
On: Logic level 1
Off: Logic level 0




Similar Part No. - APAX-5046_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5046 ADVANTECH-APAX-5046 Datasheet
614Kb / 1P
24-ch Digital Output Module
More results


Similar Description - APAX-5046_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5056 ADVANTECH-ADAM-5056 Datasheet
629Kb / 1P
16-ch Digital Output Module
APAX-5040 ADVANTECH-APAX-5040 Datasheet
301Kb / 1P
24-ch Digital Input Module
APAX-5046 ADVANTECH-APAX-5046 Datasheet
614Kb / 1P
24-ch Digital Output Module
ADAM-6151 ADVANTECH-ADAM-6151 Datasheet
365Kb / 1P
16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-6156 ADVANTECH-ADAM-6156 Datasheet
365Kb / 1P
16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Output Modbus TCP Module
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
APAX-5040 ADVANTECH-APAX-5040_V01 Datasheet
277Kb / 1P
24-ch Digital Input Module
27-Jun-2018
AMAX-5052 ADVANTECH-AMAX-5052 Datasheet
481Kb / 1P
16-ch Digital Input Module
3-Mar-2020
logo
Siemens Semiconductor G...
6ES7132-6BF01-0AA0 SIEMENS-6ES7132-6BF01-0AA0 Datasheet
191Kb / 3P
Digital Output Module, 8 Outputs, 24 VDC
3/29/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com