Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66503 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66503 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66503
Download  M66503 Download
File Size   114.09 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH

M66503 Datasheet (PDF)

Go To PDF Page Download Datasheet
M66503 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66503
Download  M66503 Click to download

File Size   114.09 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH

M66503 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66503 Product details

DESCRIPTION

The M66503A is a constant current LED driver IC, whose output current is variable. The IC’s functions include 16-bit serial input/parallel output shift register with output latch. The product uses Bi-CMOS process for highly accurate constant current driving, permitting high-efficiency LED driving without using a resistor that limits LED current. Settings for the LED drive current are made by an external resister, thereby ensuring a maximum output current of 30 mA, enough for anode-common LED driving. Furthermore, the pin configuration of the IC permits easier wiring on a printed board.



FEATURES

• Anode-common LED driving

• Constant current output: Set to a value within a range between 0 and 30mA with an external resistor only. Simultaneous lighting available.

• Pins (OEA, OEB) provided for forced ON/OFF of LED drive current.

• Greater noise margin: Total-input Schmitt circuit is employed to deal with longer wire lengths.

• Input/output CMOS compatible

• Serial data output provided (SQ15)

• 5V single power supply

• Pin configuration for easier wiring on printed board



APPLICATION

LED array drivers for display panel and printer. Other various

LED modules.




Similar Part No. - M66503

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66500FP MITSUBISHI-M66500FP Datasheet
562Kb / 11P
PROGRAMMABLE BUFFERED I/0 EXPANDER
M66500SP MITSUBISHI-M66500SP Datasheet
562Kb / 11P
PROGRAMMABLE BUFFERED I/0 EXPANDER
More results


Similar Description - M66503

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
8-Bit Shift Register Latch Constant Current Driver IC
logo
Marktech Corporate
TB62708N MARKTECH-TB62708N Datasheet
305Kb / 9P
16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
TB62705CP MARKTECH-TB62705CP Datasheet
382Kb / 10P
8 Bit Constant Current LED Driver with Shift Register and Latch Functions
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
16-Bit LED Driver with Shift Register and Latch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com