Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORS Datasheet (PDF) - Littelfuse

ORS Datasheet PDF - Littelfuse
Part # ORS
Download  ORS Download
File Size   424.02 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Single Shot

ORS Datasheet (PDF)

Go To PDF Page Download Datasheet
ORS Datasheet PDF - Littelfuse

Part # ORS
Download  ORS Click to download

File Size   424.02 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Single Shot

ORS Datasheet (HTML) - Littelfuse


ORS Product details

Description
The ORS Series’ open PCB construction offers the user good
economy without sacrificing performance and reliability. The
output relay is available in isolated, 10A, DPDT or SPDT forms.
The time delay may be ordered as factory fixed, onboard knob,
or external adjustment. All connections are 0.25 in. (6.35 mm)
male quick connect terminals.
Operation (Single Shot)
Input voltage must be applied before and during timing. Upon
momentary or maintained closure of the initiate switch (leading
edge triggered), the output relay energizes for a measured
interval of time. At the end of the time delay, the output
de-energizes. Opening or reclosing the initiate switch during
timing has no affect on the time delay. The output will energize
if the initiate switch is closed when input voltage is applied.
Reset: Reset occurs when the time delay is complete and the
initiate switch is opened. Loss of input voltage resets the time
delay and output.

FEATURES BENEFITS
Open PCB construction Reduces cost without sacrificing performance
and reliability
Analog circuitry Repeat accuracy + / - 2%,
Factory calibration + / - 10%
Isolated, 10A, SPDT or
DPDT output contacts Allows control of loads for AC or DC voltages
Line voltage initiation Separate control voltage is not required
for operation




Similar Part No. - ORS

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
ORSA-1U EDGE-CORE-ORSA-1U Datasheet
508Kb / 4P
AS5812-54X
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
ORSO42G5-1BM484C LATTICE-ORSO42G5-1BM484C Datasheet
1Mb / 153P
0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
ORSO42G5-1BM484I LATTICE-ORSO42G5-1BM484I Datasheet
1Mb / 153P
0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
ORSO42G5-1BMN484C LATTICE-ORSO42G5-1BMN484C Datasheet
1Mb / 153P
0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
More results


Similar Description - ORS

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-T248 AAEON-PER-T248 Datasheet
130Kb / 1P
supports single-shot transmission
logo
Littelfuse
HRDS LITTELFUSE-HRDS Datasheet
701Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062116
HSPZA22SL LITTELFUSE-HSPZA22SL Datasheet
450Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
KRD9 LITTELFUSE-KRD9 Datasheet
612Kb / 2P
Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062216
KRDS LITTELFUSE-KRDS Datasheet
525Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
TSD94110SB LITTELFUSE-TSD94110SB Datasheet
204Kb / 1P
Time Delay Relays - Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062716
TSDS LITTELFUSE-TSDS Datasheet
516Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
PRS65 LITTELFUSE-PRS65 Datasheet
309Kb / 1P
Dedicated - Single Shot
2016 Rev: 1-A-062716
THDS LITTELFUSE-THDS Datasheet
399Kb / 2P
Time Delay Relays / Dedicated - Single Shot
2016 Rev: 1-A-062216
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com