Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSDS Datasheet (PDF) - Littelfuse

TSDS Datasheet PDF - Littelfuse
Part # TSDS
Download  TSDS Download
File Size   516.8 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays - Dedicated - Single Shot

TSDS Datasheet (PDF)

Go To PDF Page Download Datasheet
TSDS Datasheet PDF - Littelfuse

Part # TSDS
Download  TSDS Click to download

File Size   516.8 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays - Dedicated - Single Shot

TSDS Datasheet (HTML) - Littelfuse


TSDS Product details

Description
The TSDS Series is designed for more demanding commercial
and industrial applications where small size and accurate
performance are required. The factory calibration for fixed
time delays is within 1% of the target time delay. The repeat
accuracy, under stable conditions, is 0.5% of the time delay. The
TSDS Series is rated to operate over an extended temperature
range. Time delays of 0.1 seconds to 1000 minutes are available.
The output is rated 1A steady and 10A inrush. The modules are
totally solid state and encapsulated to protect the electronic
circuitry. This product is suitable for many applications, including
dispensing, welding, and exposure timing.
Operation (Single Shot)
Input voltage must be applied before and during timing. Upon
momentary or maintained closure of the initiate switch, the
output energizes for a measured interval of time. At the end
of the delay, the output de-energizes. Opening or reclosing the
initiate switch during timing has no affect on the time delay.
The output will not energize if the initiate switch is closed when
input voltage is applied.
Reset: Reset occurs when the time delay is complete and the
initiate switch is opened. Loss of input voltage resets the time
delay and output.

FEATURES BENEFITS
Compact, low cost
design measuring 2 in.
(50.8mm) square
Allows flexiblility for OEM applications
Microcontroller based Repeat Accuracy + / - 0.5%,
Factory calibration + / - 1%
1A Steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Wide temperature
range: -40° to 75°C
Reliable in demanding commercial and
industrial applications




Similar Part No. - TSDS

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TSD FENGJUI-TSD Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
logo
Transko Electronics, In...
TSD TRANSKO-TSD Datasheet
286Kb / 1P
HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
logo
Automatic Timing & Cont...
TSD ATC-TSD Datasheet
260Kb / 1P
OFF-Delay Solid-State Output
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
Wide range of SAC... nuts for various different applications
More results


Similar Description - TSDS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSD94110SB LITTELFUSE-TSD94110SB Datasheet
204Kb / 1P
Time Delay Relays - Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062716
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
THDS LITTELFUSE-THDS Datasheet
399Kb / 2P
Time Delay Relays / Dedicated - Single Shot
2016 Rev: 1-A-062216
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com