Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS Datasheet (PDF) - Littelfuse

TRS Datasheet PDF - Littelfuse
Part # TRS
Download  TRS Download
File Size   380.66 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / SINGLE SHOT

TRS Datasheet (PDF)

Go To PDF Page Download Datasheet
TRS Datasheet PDF - Littelfuse

Part # TRS
Download  TRS Click to download

File Size   380.66 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / SINGLE SHOT

TRS Datasheet (HTML) - Littelfuse


TRS Product details

Description
The TRS series combines an isolated, 8 A electromechanical,
relay output with digital timing circuitry. False trigger of the
TRS series by a transient is unlikely because of the complete
isolation of the circuit from the line prior to initiation. The
initiate contact is common to one side of the line and may be
utilized to operate other loads. Installation is easy due to the
TRS’s industry standard 8 or 11-pin plug-in base wiring.
Operation (Single Shot)
Input voltage must be applied to the input before and during
timing. Upon momentary or maintained closure of the initiate
switch (leading edge triggered), the output energizes for
a measured interval of time. At the end of the delay, the
output de-energizes. Opening or reclosing the initiate switch
during timing has no affect on the time delay. Applying input
voltage with the initiate switch closed will energize the load
and begin the time delay.
Reset: Reset occurs when the time delay is complete and
the initiate switch is opened. Loss of input voltage resets the
time delay and output.

FEATURES BENEFITS
Complete isolation
of circuit from line No false trip due to transients
Industry standard octal
plug connection Eliminates need for special connectors
Isolated, 8 A, SPDT
output contacts
Allows control of loads with independent
voltage sources
Digital circuitry Repeat accuracy +/- 2 %




Similar Part No. - TRS

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
TRS TIANBO-TRS Datasheet
1Mb / 3P
30A 16VDC switching rating
logo
Kemet Corporation
TRS KEMET-TRS Datasheet
724Kb / 20P
TRS Thermal Reed Switch
11/2/2021
logo
List of Unclassifed Man...
TRS-3020 ETC1-TRS-3020 Datasheet
141Kb / 5P
5V / 1310 nm / 155 Mbps OPTICAL SINGLE-MODE TRANSCEIVER
logo
Optoway Technology Inc
TRS-3020G OPTOWAY-TRS-3020G Datasheet
141Kb / 5P
5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3030AG OPTOWAY-TRS-3030AG Datasheet
142Kb / 5P
5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Similar Description - TRS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
Time Delay Relays
logo
Littelfuse
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
Time Delay Relays Multifunction
2016
TSD94110SB LITTELFUSE-TSD94110SB Datasheet
204Kb / 1P
Time Delay Relays - Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062716
TSDS LITTELFUSE-TSDS Datasheet
516Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
THDS LITTELFUSE-THDS Datasheet
399Kb / 2P
Time Delay Relays / Dedicated - Single Shot
2016 Rev: 1-A-062216
TRU LITTELFUSE-TRU Datasheet
491Kb / 2P
Time Delay Relays / Multifunction
2018 Rev: 1-A-032318
TDS LITTELFUSE-TDS Datasheet
347Kb / 2P
Relay Output, Single Shot Time Delay Relay
2021 Rev: 1-B-030121
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com