Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD2 Datasheet (PDF) - Littelfuse

TSD2 Datasheet PDF - Littelfuse
Part # TSD2
Download  TSD2 Download
File Size   602.4 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Interval

TSD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD2 Datasheet PDF - Littelfuse

Part # TSD2
Download  TSD2 Click to download

File Size   602.4 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Interval

TSD2 Datasheet (HTML) - Littelfuse


TSD2 Product details

Description
The TSD2 Series is designed for more demanding commercial
and industrial applications where small size and accurate
performance are required. The factory calibration for fixed time
delays is within 1% of the target time delay. The repeat accuracy,
under stable conditions, is 0.1% of the time delay. The TSD
Series is rated to operate over an extended temperature range.
Time delays of 0.1 seconds to 100 hours are available. The output
is rated 1A steady and 10A inrush. The modules are totally solid
state and encapsulated to protect the electronic circuitry.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output is energized during the time delay. At the end of the time
delay, the output de-energizes and remains de-energized until
input voltage is removed.
Reset: Removing input voltage resets the time delay and output.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.1%,
+ / -1% time delay accuracy
Extended
temperature range
Rated to 75°C operating temperature to withstand
high heat applications.
Compact, low
cost design Allows flexiblility for OEM applications
1A Steady solid-state
output, 10A inrush Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity




Similar Part No. - TSD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD2 ETC1-TSD2 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
TSD20 ETC1-TSD20 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSD2098A TSC-TSD2098A Datasheet
199Kb / 4P
Low Vcesat NPN Transistor
TSD2098ACYRM TSC-TSD2098ACYRM Datasheet
199Kb / 4P
Low Vcesat NPN Transistor
TSD20H100CW TSC-TSD20H100CW Datasheet
255Kb / 5P
Trench Schottky Rectifier
More results


Similar Description - TSD2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com