Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSDR Datasheet (PDF) - Littelfuse

TSDR Datasheet PDF - Littelfuse
Part # TSDR
Download  TSDR Download
File Size   531.81 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays Dedicated - Recycle

TSDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TSDR Datasheet PDF - Littelfuse

Part # TSDR
Download  TSDR Click to download

File Size   531.81 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays Dedicated - Recycle

TSDR Datasheet (HTML) - Littelfuse


TSDR Product details

Description
The TSDR Series is an ON/OFF or OFF/ON recycling timing
module designed to control metering pumps, chemical valves,
flash lamps, or use in energy saving or duty cycling applications.
The TSDR Series is designed for more demanding commercial
and industrial applications where small size and accurate
performance are required. The factory calibration for fixed time
delays is < ±5%. The repeat accuracy, under stable conditions,
is 0.5% of the time delay. The TSDR Series is rated to operate
over an extended temperature range. Time delays of 0.1
seconds to 1000 minutes are available. The output is rated 1A
steady and 10A inrush. The modules are totally solid state and
encapsulated to protect the electronic circuitry.
Operation (Recycling - ON Time First)
Upon application of input voltage, the output energizes and
the T1, ON time begins. At the end of the ON time, the output
de-energizes and the T2, OFF time begins. At the end of the
OFF time, the output energizes and the cycle repeats as long as
input voltage is applied.
Reset: Removing input voltage resets the output and time
delays, and returns the sequence to the T1 ON time.
Operation (Recycling - OFF Time First)
Upon application of input voltage, the T2 OFF time begins. At
the end of the OFF time, the T1 ON time begins and the load
energizes. At the end of the T1, T2 begins and the load
de-energizes. This cycle repeats until input voltage is removed.
Reset: Removing input voltage resets the output and the
sequence to T2 OFF time.

FEATURES BENEFITS
Microcontroller based Repeat accuracy +/- 0.5%, Factory calibration +/- 5%
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Wide operating
temperature range:
-40° to 75°C
Reliable in demanding commercial and
industrial applications
Compact, low cost
design measuring 2 in.
(50.8mm) square
Allows flexiblility for OEM applications




Similar Part No. - TSDR

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TSDR GREYSTONE-TSDR Datasheet
282Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE SENSOR
02/20
More results


Similar Description - TSDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com